전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1815S-H 데이터시트(PDF) 4 Page - Sanyo Semicon Device

부품명 2SD1815S-H
상세설명  High-Current Switching Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD1815S-H 데이터시트(HTML) 4 Page - Sanyo Semicon Device

  2SD1815S-H Datasheet HTML 1Page - Sanyo Semicon Device 2SD1815S-H Datasheet HTML 2Page - Sanyo Semicon Device 2SD1815S-H Datasheet HTML 3Page - Sanyo Semicon Device 2SD1815S-H Datasheet HTML 4Page - Sanyo Semicon Device 2SD1815S-H Datasheet HTML 5Page - Sanyo Semicon Device 2SD1815S-H Datasheet HTML 6Page - Sanyo Semicon Device 2SD1815S-H Datasheet HTML 7Page - Sanyo Semicon Device 2SD1815S-H Datasheet HTML 8Page - Sanyo Semicon Device 2SD1815S-H Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SB1215/2SD1815
No. 2539-4/10
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
2SB1215 / 2SD1815
f=1MHz
0.1
5
100
10
3
2
3
2
7
5
2
1.0
23
23
5
7
35
7
2SB1215 / 2SD1815
VCE=10V
ITR09241
2SB1215
2SD1815
10
1.0
2
100
5
3
2
7
7
5
57
10
22
35
7
23
5
7
100
ITR09242
2SB1215
2SD1815
ITR09248
0
1.2
1.0
0.8
0.6
0.4
0.2
100
140
120
160
20
060
40
80
2SB1215 / 2SD1815
2SD1815
IC / IB=10
52
3
5
2
5
32
3
5
--1.0
--0.1
--0.01
--10
3
2
7
5
3
7
5
--1.0
2
ITR09245
2SB1215
IC / IB=10
2SD1815
IC / IB=10
ITR09243
2SB1215
IC / IB=10
Ta= --25°C
25
°C
75
°C
Ta=75°C
25
°C
--25
°C
0.1
1.0
0.01
52
3
5
2
10
35
2
3
5
5
3
2
5
3
2
1000
7
5
3
2
7
100
10
ITR09244
Ta=75
°C
25°C
--25°C
52
3
5
5
0.01
23
5
0.1
23
1.0
10
3
2
7
5
3
7
5
1.0
2
ITR09246
Ta= --25°C
25
°C
75°C
ITR09247
2SB1215 / 2SD1815
IC
ICP
DC
operation
(T
a=25
°C)
10
1.0
5
3
2
5
3
2
5
3
2
5
0.1
0.01
25
3
1.0
25
3
10
25
3
100
2
--0.1
--1.0
--0.01
52
3
5
2
3
5
2
3
5
--10
5
3
2
5
3
2
--1000
5
3
2
--100
--10
A S O
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
PC -- Ta
Tc=25
°C
Single pulse
For PNP, the minus sign is omitted.
Ideal
heat
dissipation
For PNP, the minus sign is omitted.
For PNP, the minus sign is omitted.


유사한 부품 번호 - 2SD1815S-H

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SD1815S-H ONSEMI-2SD1815S-H Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
2SD1815S-H ONSEMI-2SD1815S-H Datasheet
106Kb / 7P
   Bipolar Transistor
November, 2013
More results

유사한 설명 - 2SD1815S-H

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com