전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SAR533D 데이터시트(PDF) 4 Page - Rohm

부품명 2SAR533D
상세설명  PNP -3.0A -50V Middle Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SAR533D 데이터시트(HTML) 4 Page - Rohm

  2SAR533D Datasheet HTML 1Page - Rohm 2SAR533D Datasheet HTML 2Page - Rohm 2SAR533D Datasheet HTML 3Page - Rohm 2SAR533D Datasheet HTML 4Page - Rohm 2SAR533D Datasheet HTML 5Page - Rohm 2SAR533D Datasheet HTML 6Page - Rohm 2SAR533D Datasheet HTML 7Page - Rohm 2SAR533D Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SAR533P / 2SAR533D
lElectrical characteristic curves
(Ta = 25°C)
-0.1
-1
-10
-1
-10
-100
-1000
-10000
Ta= -40ºC
25ºC
75ºC
125ºC
IC / IB = 20
Pulsed
-0.001
-0.01
-0.1
-1
-1
-10
-100
-1000
-10000
Ta=125ºC
75ºC
25ºC
-
40ºC
IC / IB = 20
-0.001
-0.01
-0.1
-1
-1
-10
-100
-1000
-10000
Ta=25ºC
IC / IB = 50
20
10
10
100
1000
10
100
1000
Ta=25ºC
VCE= -10V
Fig.5 Collector-Emitter Saturation Voltage
vs. Collector Current (I)
COLLECTOR CURRENT : IC [mA]
Fig.6 Collector-Emitter Saturation Voltage
vs. Collector Current (II)
COLLECTOR CURRENT : IC [mA]
Fig.7 Base-Emitter Saturation Voltage
vs. Collector Current
COLLECTOR CURRENT : IC [mA]
Fig.8 Gain Bandwidth Product
vs. Emitter Current
EMITTER CURRENT : IE [mA]
4/7
2013.05 - Rev.B


유사한 부품 번호 - 2SAR533D

제조업체부품명데이터시트상세설명
logo
Rohm
2SAR533D ROHM-2SAR533D Datasheet
428Kb / 6P
   Midium Power Transistors (-50V / -3A)
More results

유사한 설명 - 2SAR533D

제조업체부품명데이터시트상세설명
logo
Rohm
2SAR573D ROHM-2SAR573D Datasheet
809Kb / 7P
   PNP -3.0A -50V Middle Power Transistor
2SAR533P ROHM-2SAR533P_14 Datasheet
828Kb / 8P
   PNP -3.0A -50V Middle Power Transistor
2SCR533PT100 ROHM-2SCR533PT100 Datasheet
384Kb / 8P
   NPN 3.0A 50V Middle Power Transistor
2SCR573D ROHM-2SCR573D Datasheet
800Kb / 7P
   NPN 3.0A 50V Middle Power Transistor
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
   NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
2SCR573DA08 ROHM-2SCR573DA08 Datasheet
804Kb / 7P
   NPN 3.0A 50V Middle Power Transistor
2SAR542F3TR ROHM-2SAR542F3TR Datasheet
722Kb / 7P
   PNP -3.0A -30V Middle Power Transistor
2SAR542F3 ROHM-2SAR542F3 Datasheet
1Mb / 10P
   PNP -3.0A -30V Middle Power Transistor
2SAR573D3 ROHM-2SAR573D3 Datasheet
1Mb / 11P
   PNP -3.0A -50V Power Transistor
2SAR573D3FRA ROHM-2SAR573D3FRA Datasheet
1Mb / 10P
   PNP -3.0A -50V Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com