전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS745 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STPS745
상세설명  Power Schottky rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS745 데이터시트(HTML) 8 Page - STMicroelectronics

  STPS745 Datasheet HTML 1Page - STMicroelectronics STPS745 Datasheet HTML 2Page - STMicroelectronics STPS745 Datasheet HTML 3Page - STMicroelectronics STPS745 Datasheet HTML 4Page - STMicroelectronics STPS745 Datasheet HTML 5Page - STMicroelectronics STPS745 Datasheet HTML 6Page - STMicroelectronics STPS745 Datasheet HTML 7Page - STMicroelectronics STPS745 Datasheet HTML 8Page - STMicroelectronics STPS745 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
STPS745
8/9
3
Ordering information
4
Revision history
Ordering type
Marking
Package
Weight
Base qty
Delivery
mode
STPS745D
STPS745D
TO-220AC
1.86 g
50
Tube
STPS745G
STPS745G
D2PAK
1.48 g
50
Tube
STPS745G-TR
STPS745G
D2PAK
1.48 g
1000
Tape & reel
STPS745FP
STPS745FP
TO-220FPAC
1.9 g
50
Tube
Date
Revision
Description of Changes
Jul-2003
6G
Last release.
22-Mar-2007
7
Removed ISOWATT package.


유사한 부품 번호 - STPS745

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS745 STMICROELECTRONICS-STPS745 Datasheet
82Kb / 7P
   POWER SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
STPS745 ISC-STPS745 Datasheet
282Kb / 2P
   Schottky Barrier Rectifier
logo
STMicroelectronics
STPS745D STMICROELECTRONICS-STPS745D Datasheet
82Kb / 7P
   POWER SCHOTTKY RECTIFIER
STPS745F STMICROELECTRONICS-STPS745F Datasheet
82Kb / 7P
   POWER SCHOTTKY RECTIFIER
STPS745G STMICROELECTRONICS-STPS745G Datasheet
82Kb / 7P
   POWER SCHOTTKY RECTIFIER
More results

유사한 설명 - STPS745

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com