전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBT3906S 데이터시트(PDF) 5 Page - Infineon Technologies AG

부품명 SMBT3906S
상세설명  PNP Silicon Switching Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBT3906S 데이터시트(HTML) 5 Page - Infineon Technologies AG

  SMBT3906S Datasheet HTML 1Page - Infineon Technologies AG SMBT3906S Datasheet HTML 2Page - Infineon Technologies AG SMBT3906S Datasheet HTML 3Page - Infineon Technologies AG SMBT3906S Datasheet HTML 4Page - Infineon Technologies AG SMBT3906S Datasheet HTML 5Page - Infineon Technologies AG SMBT3906S Datasheet HTML 6Page - Infineon Technologies AG SMBT3906S Datasheet HTML 7Page - Infineon Technologies AG SMBT3906S Datasheet HTML 8Page - Infineon Technologies AG SMBT3906S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2012-08-21
5
SMBT3906...MMBT3906
DC current gain hFE = ƒ(IC)
VCE = 1 V
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
mA
IC
1
10
2
10
3
10
-55 °C
25 °C
125 °C
Saturation voltage IC = ƒ(VBEsat; VCEsat)
hFE = 10
EHP00767
2
0
V
BE sat
C
10
1
10
0
5
Ι
V
mA
0.2
0.4
0.6
0.8
1.0
1.2
CE sat
V
,
5
10
2
VBE
VCE
Collector-base capacitance Ccb = ƒ(VCB)
Emitter-base capacitance Ceb = ƒ(VEB)
0
4
8
12
16
V
22
CCB/CEB
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
pF
8
CCB
CEB
Total power dissipation Ptot = ƒ(TS)
SMBT3906
0
15
30
45
60
75
90 105 120 °C 150
TS
0
30
60
90
120
150
180
210
240
270
300
mW
360


유사한 부품 번호 - SMBT3906S

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
SMBT3906S SIEMENS-SMBT3906S Datasheet
68Kb / 8P
   PNP Silicon Switching Transistor Array
logo
Infineon Technologies A...
SMBT3906S INFINEON-SMBT3906S Datasheet
76Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
SMBT3906S INFINEON-SMBT3906S Datasheet
888Kb / 13P
   High DC current gain: 0.1 mA to 100 mA Low collector-emitter saturation voltage
2008-02-29
More results

유사한 설명 - SMBT3906S

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
SMBT2907 SIEMENS-SMBT2907 Datasheet
178Kb / 6P
   PNP Silicon Switching Transistors
PZT2907 SIEMENS-PZT2907 Datasheet
127Kb / 6P
   PNP Silicon Switching Transistors
logo
Infineon Technologies A...
BSS80 INFINEON-BSS80 Datasheet
59Kb / 6P
   PNP Silicon Switching Transistors
Nov-30-2001
logo
STMicroelectronics
2N6107 STMICROELECTRONICS-2N6107 Datasheet
69Kb / 4P
   SILICON PNP SWITCHING TRANSISTORS
June 1997
logo
Boca Semiconductor Corp...
2N5322 BOCA-2N5322 Datasheet
77Kb / 2P
   SWITCHING TRANSISTORS (PNP SILICON)
logo
Guangdong Kexin Industr...
BSS80 KEXIN-BSS80 Datasheet
41Kb / 2P
   PNP Silicon Switching Transistors
logo
Continental Device Indi...
2N3250 CDIL-2N3250 Datasheet
214Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906 CDIL-2N2906 Datasheet
147Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904A CDIL-2N2904A Datasheet
151Kb / 3P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2906A BOCA-2N2906A Datasheet
44Kb / 2P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com