전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC285SPD-B0 데이터시트(PDF) 9 Page - Texas Instruments

부품명 TC285SPD-B0
상세설명  Very Low Noise, Very High Sensitivity, Electronically Variable Charge Domain Gain
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TC285SPD-B0 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TC285SPD-B0 Datasheet HTML 5Page - Texas Instruments TC285SPD-B0 Datasheet HTML 6Page - Texas Instruments TC285SPD-B0 Datasheet HTML 7Page - Texas Instruments TC285SPD-B0 Datasheet HTML 8Page - Texas Instruments TC285SPD-B0 Datasheet HTML 9Page - Texas Instruments TC285SPD-B0 Datasheet HTML 10Page - Texas Instruments TC285SPD-B0 Datasheet HTML 11Page - Texas Instruments TC285SPD-B0 Datasheet HTML 12Page - Texas Instruments TC285SPD-B0 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TC285SPD-B0
1004 x 1002 PIXEL IMPACTRONTM CCD IMAGE SENSOR
SOCS093 – JANUARY 2006
TEXAS
INSTRUMENTS
POST OFFICE BOX 655303 * DALLAS TEXAS 75265
9
Recommended operating conditions
Description
MIN NOM MAX
UNIT
Substrate bias, Vss
0
VDD, VCLD
13.5
14.0
14.5
For blooming control
4.9
5.2
5.5
ODB
For clearing
12.0
12.5
13.0
FP
1.5
Supply voltage, Vdd*
VREFG **
5.0
5.5
6.0
V
High
3.2
3.5
3.8
IAG1***
Low
-6.0
-5.7
-5.4
High
2.9
3.2
3.5
IAG2***
Low
-6.0
-5.7
-5.4
High
3.2
3.5
3.8
SAG1***
Low
-6.0
-5.7
-5.4
High
2.9
3.2
3.5
SAG2***
Low
-6.0
-5.7
-5.4
High
7.5
7.8
8.1
SRG1
Low
0.0
High
7.5
7.8
8.1
SRG2
Low
0.0
High
7.0
22.0
CMG****
Low
-4.1
-3.8
-3.5
High
5.5
6.0
6.5
Input voltage, Vi *
RST
Low
0.0
V
IAG1, IAG2, SAG1, SAG2
1.0
Clock Frequency, fck
SRG1, SRG2, CMG ,RST
35.0
MHz
Load capacitance
OUT
6.0
pF
Inside dew point of a package*****
-20
°C
Operating free-air temperature
-10
25
45
°C
*
Fine-tuning of input voltages may be required to obtain the best charge transfer efficiency.
** For proper operation it is necessary to keep VREFG bias lower than RST High voltage
*** Refer to Figure 6 for a description of the waveforms applied to IAG and SAG by typical driver
circuits operated at the H and L voltage settings specified in these recommended operating conditions.
**** Charge multiplication gain depends on high level of the CMG and temperature. See figure 10.
***** -20 degrees should be the minimum temperature of the cooled CCD.


유사한 부품 번호 - TC285SPD-B0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TC285SPD-B0 TI-TC285SPD-B0 Datasheet
419Kb / 30P
[Old version datasheet]   1004 x 1002 PIXEL IMPACTRONTM CCD IMAGE SENSOR
More results

유사한 설명 - TC285SPD-B0

제조업체부품명데이터시트상세설명
logo
TAITIEN ELECTRONICS CO....
XO-0171-VLEU TAITIEN-XO-0171-VLEU Datasheet
285Kb / 3P
   High Frequency Very Low Noise/Low g-Sensitivity VCXO
logo
Broadcom Corporation.
MGA-13216 BOARDCOM-MGA-13216 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
DEMO-MGA-13X16 BOARDCOM-DEMO-MGA-13X16 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13116 AVAGO-MGA-13116 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13216 AVAGO-MGA-13216_15 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
Broadcom Corporation.
MGA-13116 BOARDCOM-MGA-13116 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13216 AVAGO-MGA-13216 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13116 AVAGO-MGA-13116_15 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
United Monolithic Semic...
CHA2394 UMS-CHA2394 Datasheet
102Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
CHA2395 UMS-CHA2395_15 Datasheet
108Kb / 6P
   36-40GHz Low Noise Very High Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com