전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4148-AP 데이터시트(PDF) 1 Page - Micro Commercial Components

부품명 1N4148-AP
상세설명  500mW High Speed Switching Diode 100 Volt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4148-AP 데이터시트(HTML) 1 Page - Micro Commercial Components

  1N4148-AP Datasheet HTML 1Page - Micro Commercial Components 1N4148-AP Datasheet HTML 2Page - Micro Commercial Components 1N4148-AP Datasheet HTML 3Page - Micro Commercial Components 1N4148-AP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4148
500mW High Speed
Switching Diode
100 Volt
Features
High Reliability
Low Current Leakage
Metalurgically Bonded Construction
Electrical Characteristics @ 25
Unless Otherwise Specified
Reverse Voltage
VR
75V
Breakdown Voltage
VBR
100V
IR=100 A
Average Forward
Current
IO
150mA
Power Dissipation
PTOT
500mW
Junction
Temperature
TJ
175
Peak Forward Surge
Current
IFSM
2.0A
tp = 1.0 s
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 10mA
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
25nA
5.0
µA
50
µA
VR=20V; TJ = 25
VR=75V; TJ = 25
VR=20V; TJ =150
Maximum Junction
Capacitance
CJ
4.0pF
Measured at
1.0MHz, VR=0V
Maximum Reverse
Recovery Time
Trr
4.0ns
IF=10mA; VR = 6V
RL=100
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
DO-35
A
B
C
D
D
Cathode
Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
.166
---
4.2
B
---
.079
---
2.00
C
---
.020
---
.52
D
1.000
---
25.40
---
Revision:
C
20
13/02/18
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
Marking : Cathode band and type number
www.mccsemi.com
1 of 4
Operating Temperature: -65
to +175
Storage Temperature: -65
to +175
Maximum Thermal Resistance: 300K/W Junction To Ambient
Maximum Ratings
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. Lead in Glass Exemption Applied, see EU Directive Annex 7(C)-I.
Moisture Sensitivity Level 1


유사한 부품 번호 - 1N4148-AP

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
1N4148-A DIODES-1N4148-A Datasheet
63Kb / 2P
   FAST SWITCHING DIODE
DS12019 Rev. 6 - 2
More results

유사한 설명 - 1N4148-AP

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
DL4148 MCC-DL4148_11 Datasheet
462Kb / 4P
   500mW High Speed Switching Diode 100 Volt
1N4148 MCC-1N4148_11 Datasheet
212Kb / 4P
   500mW High Speed Switching Diode 100 Volt
DL4148-TP MCC-DL4148-TP Datasheet
469Kb / 4P
   500mW High Speed Switching Diode 100 Volt
logo
Shanghai Lunsure Electr...
DL4148 CHENYI-DL4148 Datasheet
100Kb / 3P
   500mw high speed switching diode 100 volt
logo
Micro Commercial Compon...
1N4148 MCC-1N4148_12 Datasheet
224Kb / 4P
   500mW High Speed Switching Diode 100 Volt
DL4148 MCC-DL4148_12 Datasheet
469Kb / 4P
   500mW High Speed Switching Diode 100 Volt Surface Mount Applications
DL914 MCC-DL914 Datasheet
361Kb / 3P
   500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914_14 Datasheet
378Kb / 4P
   500mW 100 Volt Silicon Switching Diode
DL4148 MCC-DL4148 Datasheet
77Kb / 3P
   500mW 100 Volt Silicon Switching Diode
DL914 MCC-DL914_11 Datasheet
723Kb / 4P
   500mW 100 Volt Silicon Switching Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com