전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST333C08CFL1 데이터시트(PDF) 10 Page - Vishay Siliconix

부품명 ST333C08CFL1
상세설명  Inverter Grade Thyristors (Hockey PUK Version), 720 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST333C08CFL1 데이터시트(HTML) 10 Page - Vishay Siliconix

Back Button ST333C08CFL1 Datasheet HTML 2Page - Vishay Siliconix ST333C08CFL1 Datasheet HTML 3Page - Vishay Siliconix ST333C08CFL1 Datasheet HTML 4Page - Vishay Siliconix ST333C08CFL1 Datasheet HTML 5Page - Vishay Siliconix ST333C08CFL1 Datasheet HTML 6Page - Vishay Siliconix ST333C08CFL1 Datasheet HTML 7Page - Vishay Siliconix ST333C08CFL1 Datasheet HTML 8Page - Vishay Siliconix ST333C08CFL1 Datasheet HTML 9Page - Vishay Siliconix ST333C08CFL1 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 02-Oct-12
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk. Please
contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.
Material Category Policy
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as RoHS-Compliant fulfill the
definitions and restrictions defined under Directive 2011/65/EU of The European Parliament and of the Council
of June 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(EEE) - recast, unless otherwise specified as non-compliant.
Please note that some Vishay documentation may still make reference to RoHS Directive 2002/95/EC. We confirm that
all the products identified as being compliant to Directive 2002/95/EC conform to Directive 2011/65/EU.
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as Halogen-Free follow Halogen-Free
requirements as per JEDEC JS709A standards. Please note that some Vishay documentation may still make reference
to the IEC 61249-2-21 definition. We confirm that all the products identified as being compliant to IEC 61249-2-21
conform to JEDEC JS709A standards.


유사한 부품 번호 - ST333C08CFL1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ST333C08CHK0 VISHAY-ST333C08CHK0 Datasheet
230Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
ST333C08CHK0L VISHAY-ST333C08CHK0L Datasheet
230Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
ST333C08CHK0LP VISHAY-ST333C08CHK0LP Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
ST333C08CHK0P VISHAY-ST333C08CHK0P Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
ST333C08CHK1 VISHAY-ST333C08CHK1 Datasheet
230Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
More results

유사한 설명 - ST333C08CFL1

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ST333CPBF VISHAY-ST333CPBF Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
VS-ST333CC VISHAY-VS-ST333CC Datasheet
286Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 13-Sep-17
VS-ST333CC VISHAY-VS-ST333CC_V01 Datasheet
285Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
01-Jan-2022
ST333C VISHAY-ST333C Datasheet
230Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com