전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT273SJ 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 74ACT273SJ
상세설명  Octal D-Type Flip-Flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT273SJ 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button 74ACT273SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACT273SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACT273SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACT273SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACT273SJ Datasheet HTML 7Page - Fairchild Semiconductor 74ACT273SJ Datasheet HTML 8Page - Fairchild Semiconductor 74ACT273SJ Datasheet HTML 9Page - Fairchild Semiconductor 74ACT273SJ Datasheet HTML 10Page - Fairchild Semiconductor 74ACT273SJ Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC273, 74ACT273 Rev. 1.6.0
7
AC Electrical Characteristics for ACT
Note:
8. Voltage range 5.0 is 5.0V ± 0.5V.
AC Operating Requirements for ACT
Note:
9. Voltage range 5.0 is 5.0V ± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(8)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock Frequency
2.0
125
189
110
MHz
tPLH, tPHL Propagation Delay,
CP to Qn
5.0
1.5
6.5
8.5
1.5
9.0
ns
tPHL
Propagation Delay,
MR to Qn
5.0
1.5
7.0
9.0
1.5
8.5
ns
Symbol
Parameter
VCC (V)
(9)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Dn to CP
5.0
1.0
3.5
3.5
ns
tH
Hold Time, HIGH or LOW,
Dn to CP
5.0
–0.5
1.5
1.5
ns
tW
Clock Pulse Width, HIGH or LOW
5.0
2.0
4.0
4.0
ns
tW
MR Pulse Width, HIGH or LOW
5.0
1.5
4.0
4.0
ns
tW
Recovery Time, MR to CP
5.0
0.5
3.0
3.0
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance for AC
VCC = 5.0V
50.0
pF
Power Dissipation Capacitance for ACT
40.0


유사한 부품 번호 - 74ACT273SJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACT273SJ FAIRCHILD-74ACT273SJ Datasheet
122Kb / 10P
   Octal D-Type Flip-Flop
74ACT273SJ FAIRCHILD-74ACT273SJ Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results

유사한 설명 - 74ACT273SJ

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
   Octal D-type flip-flop
1991 Feb 08
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com