전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5-104361-8 데이터시트(PDF) 92 Page - Tyco Electronics

부품명 5-104361-8
상세설명  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

5-104361-8 데이터시트(HTML) 92 Page - Tyco Electronics

Back Button 5-104361-8 Datasheet HTML 88Page - Tyco Electronics 5-104361-8 Datasheet HTML 89Page - Tyco Electronics 5-104361-8 Datasheet HTML 90Page - Tyco Electronics 5-104361-8 Datasheet HTML 91Page - Tyco Electronics 5-104361-8 Datasheet HTML 92Page - Tyco Electronics 5-104361-8 Datasheet HTML 93Page - Tyco Electronics 5-104361-8 Datasheet HTML 94Page - Tyco Electronics 5-104361-8 Datasheet HTML 95Page - Tyco Electronics 5-104361-8 Datasheet HTML 96Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 98 page
background image
272
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Application Tooling for Wire Crimp Contacts (Continued)
AMPMODU Interconnection System
5
Tooling shown on this page
is designed to terminate
wire crimp contacts used in
various AMPMODU wire-to-
board connectors. Refer to
page 88 to determine the
applicable connectors.
The AMPOMATOR
System III is an automatic
machine for the production
of terminated wire leads.
The machine combines
state of the art technology
to process single and
double wire application
utilizing the wire processing
industry’s best and most
friendly subsystems and
accessories available to
meet the latest market
requirements for wire lead
production.
The new machine
incorporates a servo-driven,
software-controlled
AMP-O-LECTRIC ST III
terminator and the next
generation System III
Applicator.
See catalog 1654956-5 for
more information.
Commercial grade hand
tool for crimping various
products. Features ratchet
control to provide complete
crimp cycle. Accepts both
pinned- and shouldered-
style die sets. Locators are
provided with pinned-style
die sets for proper contact
and wire positioning, and to
help minimize contact rota-
tion and bending during
crimping. Approximate
weight 1.3 lb [0.60 kg].
Your quality program calls
for more than a good
crimping system. It
demands proof - the proof
you get with the SLE Crimp
Force Monitor. It has high-
resolution piezo-quartz
sensor technology for a
more precise identification
of typical crimping faults.
The monitor features Zone &
Peak Force Analysis,
128x128 Dot Matrix, Force
Trigger and Encoder
Proximity Trigger, and
Absolute Force
Measurement for real-time
monitoring of every crimp.
The CFM can be used with
bench or fully-automatic
machines. Special
applicators are not required.
Sure, you can sample and
test crimp height with a
micrometer. In fact, that’s
how you standardize your
process. But for ongoing
quality control, testing every
crimp, SLE is the choice. It’s
known worldwide, and
meets our standards for a
high performance
terminating system. That’s
how you can be sure.
High quality crimping - with
verification - means higher
production and productivity.
AMPOMATOR System III Leadmaker
Crimp Force Monitor (CFM)
Premium CERTI-CRIMP Straight
Action Hand Tool (SAHT)
Commercial PRO-CRIMPER III
Hand Tool
Tyco Electronics hand
tools are ideal for small
production and prototype
applications. They feature
ratchet control to help elimi-
nate partial crimps, straight-
line die closure, terminal
locator and support, and
insulation crimp adjustment.
Tyco Electronics hand tools
also can be adapted for
use with pneumatic tooling
assemblies, providing air
operated crimping
capabilities.
For further details on
Tyco Electronics straight
action hand tools, request
Tyco Electronics Catalog
65780. For more details on
Tyco Electronics pneumatic
tooling assemblies, call
the Tyco Electronics
Technical Support Center,
1-800-522-6752.


유사한 부품 번호 - 5-104361-8

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-104362-1 MACOM-5-104362-1 Datasheet
205Kb / 1P
   HEADER ASSY, AMPMODU MTE, VERTICAL SINGLE ROW, .100 C/L, .025 SQ POST POLARIZED, WITH LATCHING & HOLD DOWN
5-104362-2 MACOM-5-104362-2 Datasheet
205Kb / 1P
   HEADER ASSY, AMPMODU MTE, VERTICAL SINGLE ROW, .100 C/L, .025 SQ POST POLARIZED, WITH LATCHING & HOLD DOWN
5-104362-3 MACOM-5-104362-3 Datasheet
205Kb / 1P
   HEADER ASSY, AMPMODU MTE, VERTICAL SINGLE ROW, .100 C/L, .025 SQ POST POLARIZED, WITH LATCHING & HOLD DOWN
5-104362-4 MACOM-5-104362-4 Datasheet
205Kb / 1P
   HEADER ASSY, AMPMODU MTE, VERTICAL SINGLE ROW, .100 C/L, .025 SQ POST POLARIZED, WITH LATCHING & HOLD DOWN
5-104362-5 MACOM-5-104362-5 Datasheet
205Kb / 1P
   HEADER ASSY, AMPMODU MTE, VERTICAL SINGLE ROW, .100 C/L, .025 SQ POST POLARIZED, WITH LATCHING & HOLD DOWN
More results

유사한 설명 - 5-104361-8

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com