전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1628 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 2SD1628
상세설명  Bipolar Transistor20V, 5A, Low VCE(sat), NPN Single PCP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1628 데이터시트(HTML) 3 Page - ON Semiconductor

  2SD1628 Datasheet HTML 1Page - ON Semiconductor 2SD1628 Datasheet HTML 2Page - ON Semiconductor 2SD1628 Datasheet HTML 3Page - ON Semiconductor 2SD1628 Datasheet HTML 4Page - ON Semiconductor 2SD1628 Datasheet HTML 5Page - ON Semiconductor 2SD1628 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD1628
No.1781-3/6
VCE(sat) -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
PC -- Ta
Ambient Temperature, Ta --
°C
hFE -- IC
Collector Current, IC -- mA
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- mA
f T -- IC
A S O
Collector-to-Emitter Voltage, VCE -- V
ITR10007
1000
7
5
3
2
7
5
3
2
100
10
10
1000
57
3
2
57
3
2
100
ITR10008
2
100
7
2
3
5
10
ITR10009
3
2
1.0
7
5
3
2
0.1
7
5
3
0.1
10
1.0
7
5
3
27
5
3
2
ITR10010
1.8
1.6
1.4
1.2
1.0
0.2
0.4
0.6
0.8
0
0
160
120
140
100
80
60
40
20
ITR10011
10
7
5
3
1.0
2
7
5
7
5
3
0.1
2
3
23
10
2
3
27
5
1.0
37
5
100ms
DC
operation
Single pulse
Mounted on a ceramic board (250mm2
✕0.8mm)
IC / IB=50
pulse
1.0
100
10
7
5
3
27
5
3
2
f=1MHz
pulse
VCE=10V
pulse
0
5
0
2
1
4
3
0.4
0.8
1.2
1.6
2.0
VCE=2V
pulse
ITR10005
1000
7
5
3
2
7
5
3
2
100
10
10
5
23
100
5
23
1000
5
23
ITR10006
VCE=2V
pulse
Mounted
on
a
ceramic
board
(250mm
2
0.8mm)
No heat
sink
ICP
IC


유사한 부품 번호 - 2SD1628

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SD1628 SANYO-2SD1628 Datasheet
79Kb / 3P
   High-Current Switching Applications
logo
Guangdong Kexin Industr...
2SD1628 KEXIN-2SD1628 Datasheet
56Kb / 2P
   NPN Epitaxial Planar Silicon Transistor
logo
Unisonic Technologies
2SD1628 UTC-2SD1628 Datasheet
136Kb / 3P
   HIGH-CURRENT SWITCHING APPLICATIONS
logo
DONGGUAN YOU FENG WEI E...
2SD1628 YFWDIODE-2SD1628 Datasheet
639Kb / 4P
   NPN Transistors
logo
SHIKUES Electronics
2SD1628 SKTECHNOLGY-2SD1628 Datasheet
1Mb / 3P
   Strobe DC-DC convertersm relay drivers, hammer drivers
More results

유사한 설명 - 2SD1628

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SB1302 ONSEMI-2SB1302 Datasheet
281Kb / 5P
   Bipolar Transisitor -20V, -5A, Low VCE(sat) PNP Single PCP
November, 2013
2SC6096 ONSEMI-2SC6096 Datasheet
321Kb / 6P
   Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC6094 ONSEMI-2SC6094 Datasheet
329Kb / 7P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single PCP
September, 2013
2SD1618 ONSEMI-2SD1618 Datasheet
272Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC6095 ONSEMI-2SC6095 Datasheet
328Kb / 7P
   Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single PCP
September, 2013
2SA2125 ONSEMI-2SA2125 Datasheet
325Kb / 1P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
   Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SA2016 ONSEMI-2SA2016 Datasheet
359Kb / 8P
   Bipolar Transistor (-)50V, (-)7A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com