전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLR-U2905PBF 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRLR-U2905PBF
상세설명  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLR-U2905PBF 데이터시트(HTML) 4 Page - International Rectifier

  IRLR-U2905PBF Datasheet HTML 1Page - International Rectifier IRLR-U2905PBF Datasheet HTML 2Page - International Rectifier IRLR-U2905PBF Datasheet HTML 3Page - International Rectifier IRLR-U2905PBF Datasheet HTML 4Page - International Rectifier IRLR-U2905PBF Datasheet HTML 5Page - International Rectifier IRLR-U2905PBF Datasheet HTML 6Page - International Rectifier IRLR-U2905PBF Datasheet HTML 7Page - International Rectifier IRLR-U2905PBF Datasheet HTML 8Page - International Rectifier IRLR-U2905PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRLR/U2905PbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
400
800
1200
1600
2000
2400
2800
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
3
6
9
12
15
0
10203040
506070
Q , Total Gate Charge (nC)
G
A
FOR TEST CIRCUIT
SEE FIGURE 13
V
= 44V
V
= 28V
I = 25A
DS
DS
D
10
100
1000
0.4
0.8
1.2
1.6
2.0
2.4
T = 25°C
J
V
= 0V
GS
V
, Source-to-Drain Voltage (V)
SD
A
T = 175°C
J
1
10
100
1000
1
10
100
V
, Drain-to-Source Voltage (V)
DS
OPERATION IN THIS AREA LIMITED
BY RDS(on)
10µs
100µs
1ms
10ms
A
T
= 25°C
T
= 175°C
Single Pulse
C
J


유사한 부품 번호 - IRLR-U2905PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR/U120NPBF IRF-IRLR/U120NPBF Datasheet
299Kb / 11P
   Surface Mount (IRLR120N)
logo
Fairchild Semiconductor
IRLR/U230A FAIRCHILD-IRLR/U230A Datasheet
231Kb / 7P
   Advanced Power MOSFET
logo
International Rectifier
IRLR/U2703 IRF-IRLR/U2703 Datasheet
173Kb / 10P
   POWER MOSFET
IRLR/U2705 IRF-IRLR/U2705 Datasheet
193Kb / 10P
   HEXFET POWER MOSFET
IRLR/U2905 IRF-IRLR/U2905 Datasheet
135Kb / 10P
   HEXFET Power MOSFET
More results

유사한 설명 - IRLR-U2905PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com