전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6-104074-7 데이터시트(PDF) 41 Page - Tyco Electronics

부품명 6-104074-7
상세설명  AMPMODU System 50 Connectors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104074-7 데이터시트(HTML) 41 Page - Tyco Electronics

Back Button 6-104074-7 Datasheet HTML 37Page - Tyco Electronics 6-104074-7 Datasheet HTML 38Page - Tyco Electronics 6-104074-7 Datasheet HTML 39Page - Tyco Electronics 6-104074-7 Datasheet HTML 40Page - Tyco Electronics 6-104074-7 Datasheet HTML 41Page - Tyco Electronics 6-104074-7 Datasheet HTML 42Page - Tyco Electronics 6-104074-7 Datasheet HTML 43Page - Tyco Electronics 6-104074-7 Datasheet HTML 44Page - Tyco Electronics 6-104074-7 Datasheet HTML 45Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
65
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU 2mm Connectors (Board to Board)
AMPMODU Interconnection System
4
METRIC
Dimensions are
millimeters over inches
AMPMODU 2mm connectors
reliably and economically
meet the packaging and
inter-connection
requirements of today’s
miniature sophisticated
electronics. They are ideal
for mobile and portable
personal computers and disk
drive applications. In today’s
marketplace, 2mm is
expanding over many other
industry segments due to
space constraints.
This versatile double-
row connector system is
comprised of various
straight and right-angle
posted headers for
thru-hole and surface
mounting and several
closed top-entry
receptacle assemblies
for vertical and horizontal
mounting. Headers and
receptacle assemblies are
available in selected sizes
ranging from 4 through
80 positions.
Thru-hole breakaway
headers feature brass
straight or right-angle
posts with a post length of
4.0 [.16] and a lead length
of 2.6 [.10].
The receptacle assemblies
employ phosphor bronze
contacts with dual canti-
lever beams and built-in
anti-overstress. This feature,
coupled with duplex
(gold/tin-lead) plating of
the header posts and
receptacle contacts,
provide superior electrical
performance as well as
excellent solderability.
Product Facts
2.0 x 2.0 [.08 x .08]
centerline spacing
Two-piece, double-row
connector system
Unshrouded header styles
include; breakaway and
surface-mount
All headers with 0.5 [.02]
square posted contacts
Surface-mount connectors
compatible with standard
surface-mount processing
(VPR, IR)
Closed top-entry
receptacle assemblies
include; vertical
mount and right-angle
Receptacle contacts
employ dual cantilever
beams for two-point
electrical stability
Duplex (gold/tin-lead)
plated posted contacts
and receptacle contacts
Thermoplastic housing
material, UL 94V-0 rated
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
Certified by Canadian
Standards
Association,
File No. LR7189
Produced under a Quality
Management System
certified to ISO 9001
A copy of the
certificate is available
upon request.
R
R
ISO
Certified
9001


유사한 부품 번호 - 6-104074-7

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
6-104074-7 MACOM-6-104074-7 Datasheet
193Kb / 1P
   HEADER ASSEMBLY, RIGHT ANGLE SINGLE ROW, W/SIDE & END LATCHES AMPMODU SYSTEM 50
More results

유사한 설명 - 6-104074-7

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
6-104178-1 MACOM-6-104178-1 Datasheet
136Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, SINGLE ROW, AMPMODU System 50
5-103673-6 MACOM-5-103673-6 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com