전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6-104074-9 데이터시트(PDF) 31 Page - Tyco Electronics

부품명 6-104074-9
상세설명  AMPMODU System 50 Connectors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104074-9 데이터시트(HTML) 31 Page - Tyco Electronics

Back Button 6-104074-9 Datasheet HTML 27Page - Tyco Electronics 6-104074-9 Datasheet HTML 28Page - Tyco Electronics 6-104074-9 Datasheet HTML 29Page - Tyco Electronics 6-104074-9 Datasheet HTML 30Page - Tyco Electronics 6-104074-9 Datasheet HTML 31Page - Tyco Electronics 6-104074-9 Datasheet HTML 32Page - Tyco Electronics 6-104074-9 Datasheet HTML 33Page - Tyco Electronics 6-104074-9 Datasheet HTML 34Page - Tyco Electronics 6-104074-9 Datasheet HTML 35Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
55
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Cable-to-Board Connectors, .050 x .100 [1.27 x 2.54] Centerline,
Ribbon Cable, System 50
AMPMODU Interconnection System
3
The AMP-LATCH System 50
Ribbon Cable connector
is a receptacle connector
that will terminate ribbon
cable on .025 [0.64]
centerlines. It is available
in select sizes from 10 to
100 positions and will
accommodate 30 AWG
[0.05 mm2] solid or stranded
and 32 AWG [0.03 mm2]
stranded conductors, with
PVC cable insulation.
The housing and cover
(black) have a 94V-0 rating.
A copper alloy single
mating beam contact
provides the interconnect
between the conductor
and the .015 [0.38] square
posts on the .050 x .100
[1.27 x 2.54] grid. The
contacts are plated with
30 gold duplex plating. The
latching feature is located
on the receptacle, not the
header, and saves board
space and eliminates future
problems of “latch height
compatibility.”
Product Facts
Preassembled housing
and cover
One step termination
End and daisy chain
termination
Positive end latching of
connector to shrouded
headers
Terminates 30 AWG
[0.05 mm2] solid or
stranded and
32 AWG [0.03 mm2]*
stranded .025 [0.64]
centerline ribbon cable
with PVC insulation
0.5 ampere current
rating (limited by cable)


유사한 부품 번호 - 6-104074-9

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
6-104074-9 MACOM-6-104074-9 Datasheet
193Kb / 1P
   HEADER ASSEMBLY, RIGHT ANGLE SINGLE ROW, W/SIDE & END LATCHES AMPMODU SYSTEM 50
More results

유사한 설명 - 6-104074-9

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
6-104178-1 MACOM-6-104178-1 Datasheet
136Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, SINGLE ROW, AMPMODU System 50
5-103673-6 MACOM-5-103673-6 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com