전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6-104069-8 데이터시트(PDF) 33 Page - Tyco Electronics

부품명 6-104069-8
상세설명  AMPMODU System 50 Connectors
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104069-8 데이터시트(HTML) 33 Page - Tyco Electronics

Back Button 6-104069-8 Datasheet HTML 29Page - Tyco Electronics 6-104069-8 Datasheet HTML 30Page - Tyco Electronics 6-104069-8 Datasheet HTML 31Page - Tyco Electronics 6-104069-8 Datasheet HTML 32Page - Tyco Electronics 6-104069-8 Datasheet HTML 33Page - Tyco Electronics 6-104069-8 Datasheet HTML 34Page - Tyco Electronics 6-104069-8 Datasheet HTML 35Page - Tyco Electronics 6-104069-8 Datasheet HTML 36Page - Tyco Electronics 6-104069-8 Datasheet HTML 37Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
57
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Paddleboard Receptacles, .050 x .100 [1.27 x 2.54] Centerline,
Cable-to-Board, Ribbon Cable, System 50
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
3
Material and Finish
Housing — Black LCP thermoplastic,
94V-0 rated
Cover — Black polyester, 94V-0 rated
Contacts — Copper alloy, plated
.000100-.000200 [0.00245-0.00508]
bright tin over .000050-.000100
[0.00127-0.00254] nickel
.024
[0.61]
.118
[3.00]
.040
[1.02]
.030
[0.76]
Standoffs
(Various Locations)
B
.100
[2.54]
A
.020
[0.51]
.045
[1.19]
Ref.
.050
[1.27]
No. of
PCB Hole
Dimensions
Part Numbers
Pos.
Layout
AB
10
1
.436 [11.07]
.200 [5.08]
5111595-1
14
1
.536 [13.61]
.300 [7.62]
5111595-2
16
2
.586 [14.88]
.350 [8.89]
5111595-3
20
2
.686 [17.42]
.450 [11.43]
5111595-4
24
2
.786 [19.96]
.550 [13.97]
5111595-5
26
1
.836 [21.23]
.600 [15.24]
5111595-6
28
2
.886 [22.50]
.650 [16.51]
2-5111595-0
30
1
.936 [23.77]
.700 [17.78]
5111595-7
34
1
1.036 [26.31]
.800 [20.32]
5111595-8
40
2
1.186 [30.12]
.950 [24.13]
5111595-9
Typ.
.050
[1.27]
Typ.
.168
[4.27]
.075
[1.91]
Typ.
.304
[7.72]
.008
[0.20]
Typ.
.340
[8.64]
(Unterminated)
Position 1
Indicator
.273
[6.93]
(Terminated)
.050
[1.27]
Typ.
.075
[1.91]
Typ.
.304
[7.72]
.031
[0.79]
Typ.
Recommended PC Board Layout 2
No. of
PCB Hole
Dimensions
Part Numbers
Pos.
Layout
AB
44
2
1.286 [32.66]
1.050 [26.67]
1-5111595-0
46
1
1.336 [33.93]
1.100 [27.94]
1-5111595-7
50
1
1.436 [36.47]
1.200 [30.48]
1-5111595-1
60
2
1.686 [42.82]
1.450 [36.83]
1-5111595-2
64
2
1.786 [45.36]
1.550 [39.37]
1-5111595-3
68
2
1.886 [47.90]
1.650 [41.91]
1-5111595-9
72
2
1.986 [50.44]
1.750 [44.45]
1-5111595-4
80
2
2.186 [55.52]
1.950 [49.53]
1-5111595-5
100
2
2.686 [68.22]
2.450 [62.23]
1-5111595-6
B
Related Product Data
Performance Characteristics —
page 63
Application Tooling — pages 60-62
Technical Documents — page 64
Product Specification 108-1109
Application Specification
114-25040
.050
[1.27]
Typ.
.075
[1.91]
Typ.
.304
[7.72]
.031
[0.79]
Typ.
Recommended PC Board Layout 1
B


유사한 부품 번호 - 6-104069-8

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
6-104069-8 MACOM-6-104069-8 Datasheet
198Kb / 1P
   HEADER ASSEMBLY, RIGHT ANGLE, DOUBLE ROW, W/SIDE & END LATCHES, AMPMODU System 50
6-104069-8 MACOM-6-104069-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104069-8 MACOM-6-104069-8 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104069-8 MACOM-6-104069-8 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
6-104069-8 MACOM-6-104069-8 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

유사한 설명 - 6-104069-8

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
6-103916-1 MACOM-6-103916-1 Datasheet
120Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, AMPMODU System 50
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
6-104178-1 MACOM-6-104178-1 Datasheet
136Kb / 1P
   HEADER ASSEMBLY, VERTICAL, UNSHROUDED, SINGLE ROW, AMPMODU System 50
5-103673-6 MACOM-5-103673-6 Datasheet
633Kb / 6P
   AMPMODU MTE Interconnect System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com