전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N30SM 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 4N30SM
상세설명  General Purpose 6-Pin Photodarlington Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N30SM 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button 4N30SM Datasheet HTML 2Page - Fairchild Semiconductor 4N30SM Datasheet HTML 3Page - Fairchild Semiconductor 4N30SM Datasheet HTML 4Page - Fairchild Semiconductor 4N30SM Datasheet HTML 5Page - Fairchild Semiconductor 4N30SM Datasheet HTML 6Page - Fairchild Semiconductor 4N30SM Datasheet HTML 7Page - Fairchild Semiconductor 4N30SM Datasheet HTML 8Page - Fairchild Semiconductor 4N30SM Datasheet HTML 9Page - Fairchild Semiconductor 4N30SM Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11B1M, TIL113M Rev. 1.0.3
9
Tape Dimensions
Note:
All dimensions are in millimeters.
Reflow Soldering Profile
4.0
± 0.1
Ø1.5 MIN
User Direction of Feed
2.0
± 0.05
1.75
± 0.10
11.5
± 1.0
24.0
± 0.3
12.0
± 0.1
0.30
± 0.05
21.0
± 0.1
4.5
± 0.20
0.1 MAX
10.1
± 0.20
9.1
± 0.20
Ø1.5
± 0.1/-0
300
280
260
240
220
200
180
160
140
120
100
80
60
40
20
0
°C
Time (s)
0
60
180
120
270
260
°C
>245
°C = 42 Sec
Time above
183
°C = 90 Sec
360
1.822
°C/Sec Ramp up rate
33 Sec


유사한 부품 번호 - 4N30SM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
4N30S FAIRCHILD-4N30S Datasheet
437Kb / 8P
   GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Everlight Electronics C...
4N30S(TA)-V EVERLIGHT-4N30S(TA)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
4N30S(TB)-V EVERLIGHT-4N30S(TB)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
4N30S1(TA)-V EVERLIGHT-4N30S1(TA)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
4N30S1(TB)-V EVERLIGHT-4N30S1(TB)-V Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
More results

유사한 설명 - 4N30SM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
logo
Fairchild Semiconductor
4N29M FAIRCHILD-4N29M_09 Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com