전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N32M 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 4N32M
상세설명  General Purpose 6-Pin Photodarlington Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N32M 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  4N32M Datasheet HTML 1Page - Fairchild Semiconductor 4N32M Datasheet HTML 2Page - Fairchild Semiconductor 4N32M Datasheet HTML 3Page - Fairchild Semiconductor 4N32M Datasheet HTML 4Page - Fairchild Semiconductor 4N32M Datasheet HTML 5Page - Fairchild Semiconductor 4N32M Datasheet HTML 6Page - Fairchild Semiconductor 4N32M Datasheet HTML 7Page - Fairchild Semiconductor 4N32M Datasheet HTML 8Page - Fairchild Semiconductor 4N32M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11B1M, TIL113M Rev. 1.0.3
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified.)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute
maximum ratings are stress ratings only.
Symbol
Parameter
Value
Units
TOTAL DEVICE
TSTG
Storage Temperature
-50 to +150
°C
TOPR
Operating Temperature
-40 to +100
°C
TSOL
Lead Solder Temperature (Wave)
260 for 10 sec
°C
PD
Total Device Power Dissipation @ TA = 25°C
250
mW
Derate above 25°C
3.3
mW/°C
EMITTER
IF
Continuous Forward Current
80
mA
VR
Reverse Voltage
3
V
IF(pk)
Forward Current – Peak (300µs, 2% Duty Cycle)
3.0
A
PD
LED Power Dissipation @ TA = 25°C
150
mW
Derate above 25°C
2.0
mW/°C
DETECTOR
BVCEO
Collector-Emitter Breakdown Voltage
30
V
BVCBO
Collector-Base Breakdown Voltage
30
V
BVECO
Emitter-Collector Breakdown Voltage
5
V
PD
Detector Power Dissipation @ TA = 25°C
150
mW
Derate above 25°C
2.0
mW/°C
IC
Continuous Collector Current
150
mA


유사한 부품 번호 - 4N32M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
4N32M FAIRCHILD-4N32M Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N32M FAIRCHILD-4N32M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N32M FAIRCHILD-4N32M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
4N32M FAIRCHILD-4N32M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N32M FAIRCHILD-4N32M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
More results

유사한 설명 - 4N32M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
logo
Fairchild Semiconductor
4N29M FAIRCHILD-4N29M_09 Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com