전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4N33M 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 4N33M
상세설명  General Purpose 6-Pin Photodarlington Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N33M 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  4N33M Datasheet HTML 1Page - Fairchild Semiconductor 4N33M Datasheet HTML 2Page - Fairchild Semiconductor 4N33M Datasheet HTML 3Page - Fairchild Semiconductor 4N33M Datasheet HTML 4Page - Fairchild Semiconductor 4N33M Datasheet HTML 5Page - Fairchild Semiconductor 4N33M Datasheet HTML 6Page - Fairchild Semiconductor 4N33M Datasheet HTML 7Page - Fairchild Semiconductor 4N33M Datasheet HTML 8Page - Fairchild Semiconductor 4N33M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11B1M, TIL113M Rev. 1.0.3
5
Typical Performance Curves
Fig. 2 Normalized CTR vs. Forward Current
IF - FORWARD CURRENT (mA)
02468
10
12
14161820
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VCE = 5.0V
TA = 25°C
Normalized to
IF = 10 mA
Fig. 3 Normalized CTR vs. Ambient Temperature
TA - AMBIENT TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IF = 5 mA
IF = 10 mA
IF = 20 mA
Normalized to
IF = 10 mA
TA = 25°C
IF - LED FORWARD CURRENT (mA)
Fig. 1 LED Forward Voltage vs. Forward Current
110
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TA = 25°C
TA = -55°C
TA = 100°C
Fig. 5 CTR vs. RBE (Saturated)
RBE- BASE RESISTANCE (k Ω)
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
IF = 20 mA
IF = 10 mA
IF = 5 mA
VCE= 0.3 V
Fig. 4 CTR vs. RBE (Unsaturated)
RBE- BASE RESISTANCE (kΩ)
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VCE= 5.0 V
IF = 20 mA
IF = 10 mA
IF = 5 mA
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
IF = 5 mA
IF = 20 mA
IF = 10 mA
Fig. 6 Collector-Emitter Saturation Voltage
vs. Collector Current
IC - COLLECTOR CURRENT (mA)
IF = 2.5 mA
TA = 25˚C


유사한 부품 번호 - 4N33M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
4N33M FAIRCHILD-4N33M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33M FAIRCHILD-4N33M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
4N33M FAIRCHILD-4N33M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33M FAIRCHILD-4N33M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33M FAIRCHILD-4N33M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
More results

유사한 설명 - 4N33M

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
logo
Fairchild Semiconductor
4N29M FAIRCHILD-4N29M_09 Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com