전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6-104652-0 데이터시트(PDF) 23 Page - Tyco Electronics

부품명 6-104652-0
상세설명  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104652-0 데이터시트(HTML) 23 Page - Tyco Electronics

Back Button 6-104652-0 Datasheet HTML 19Page - Tyco Electronics 6-104652-0 Datasheet HTML 20Page - Tyco Electronics 6-104652-0 Datasheet HTML 21Page - Tyco Electronics 6-104652-0 Datasheet HTML 22Page - Tyco Electronics 6-104652-0 Datasheet HTML 23Page - Tyco Electronics 6-104652-0 Datasheet HTML 24Page - Tyco Electronics 6-104652-0 Datasheet HTML 25Page - Tyco Electronics 6-104652-0 Datasheet HTML 26Page - Tyco Electronics 6-104652-0 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
23
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Board-to-Board Right-Angle Headers
Ribbon Cable Interconnect Solutions
AMPMODU 50/50 Grid
Right-Angle Headers will
accommodate a variety of
high density packaging
applications; right-angle
board-to-board applications
when mated with vertical
receptacles (page 20) and
right-angle cable-to-board
applications when mated
with cable connectors
(page 26). The small
.050 x .050 [1.27 x 1.27]
centerline contact spacing
allows efficient use of the
PC board area.
Mechanical support of the
headers to the PC board is
provided by non-protrusive
metallic holddowns
designed for .062 [1.57] or
thicker PC boards. These
holddowns are of the same
design as those used in the
vertical headers (page 21)
and receptacles (page 20).
There are also metallic tabs
that are soldered to the sur-
faces of the PC board pads
for added support.
AMPMODU 50/50 Grid
Right-Angle Headers are
available in double-row, in
either latching or non-
latching versions, and in
sizes ranging from 10
through 100 positions (in 10
position increments). The
latching version provides
positive retention when
mated with the latching
cable connector (page 26).
All headers feature polariza-
tion to help prevent mis-
alignment during mating.
Product Facts
I
Surface-mount products for
right-angle board-to-board
and cable-to-board
applications
I
Double-row, right-angle
shrouded headers
I
High density .050 x .050
[1.27 x 1.27] centerline grid
I
Latching and non-latching
versions available
I
Non-protrusive metallic
holddowns
I
Metallic tabs, when
soldered to PC board pad,
provide added mechanical
support
I
Duplex plated post contacts;
gold plated on mating area,
tin plated on tails
I
Compatible with standard
surface-mount processing
(VPR and IR)
I
Standoffs on header
housings allow for drainage
of processing fluids
I
All headers are polarized
I
Sizes of 10, 20, 30, 40, 50,
60, 70, 80 and 100 positions
I
Recognized under the
Component Program of
Underwriters
Laboratories Inc.,
File No. E28476
I
Certified by Canadian
Standards
Association
File No. LR7189
R
R


유사한 부품 번호 - 6-104652-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
6-104652-0 MACOM-6-104652-0 Datasheet
383Kb / 13P
   Fine Pitch SMT Stacking Connectors
6-104652-0 MACOM-6-104652-0 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

유사한 설명 - 6-104652-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-5102154-0 MACOM-1-5102154-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com