전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6-104656-0 데이터시트(PDF) 96 Page - Tyco Electronics

부품명 6-104656-0
상세설명  Ribbon Cable Interconnect Solutions
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104656-0 데이터시트(HTML) 96 Page - Tyco Electronics

Back Button 6-104656-0 Datasheet HTML 92Page - Tyco Electronics 6-104656-0 Datasheet HTML 93Page - Tyco Electronics 6-104656-0 Datasheet HTML 94Page - Tyco Electronics 6-104656-0 Datasheet HTML 95Page - Tyco Electronics 6-104656-0 Datasheet HTML 96Page - Tyco Electronics 6-104656-0 Datasheet HTML 97Page - Tyco Electronics 6-104656-0 Datasheet HTML 98Page - Tyco Electronics 6-104656-0 Datasheet HTML 99Page - Tyco Electronics 6-104656-0 Datasheet HTML 100Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
96
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Note: All part numbers are RoHS compliant.
Latches for Ejection Style Universal Pin Headers and Pinless Headers
Material
Black thermoplastic, UL 94V-0 Rated
Long Latch Part No. 102320-1
(See Figure 1)
Short Latch Part No. 102312-1
(See Figure 2)
Latch/Pin Header Applications
Figure 2 — Use Short Latch for
AMP-LATCH Novo Receptacles without Strain Relief &
Female Socket Connectors without Strain Relief
Special Long Latch Part No. 1825851-1 for
AMPMODU Mod IV Housing with Center Polarization Key
Figure 1 — Use Long Latch for
AMP-LATCH Novo Receptacles with Strain Relief &
Female Socket Connectors with Strain Relief
.895
[22.73]
.175
[4.45]
1.092
[27.72]
.265
[6.73]
1.075
[27.31]
Long Latch Part No. 111338-1
(See Figure 1)
Short Latch Part No. 111293-1
(See Figure 2)
Latches
for use with Novo
Receptacles and Female
Socket Connectors, 609,
622 & 636 Series
Material
Red PCT, UL 94V-0 Rated
Material
Black thermoplastic, UL 94V-0 Rated
.561
[14.25]
.691
[17.55]
.475
[12.07]
.185
[4.70]
Ref.
Ref.
.140 ± .008
[3.56 ± 0.20]
.576
[14.63]
.416
[10.57]
.576
[14.63]
.416
[10.57]


유사한 부품 번호 - 6-104656-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
6-104656-0 MACOM-6-104656-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
6-104656-0 MACOM-6-104656-0 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

유사한 설명 - 6-104656-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
2-1437006-1 MACOM-2-1437006-1 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2631HD MACOM-609-2631HD Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
1-5102154-0 MACOM-1-5102154-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
609-2600M MACOM-609-2600M Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
499252-2 MACOM-499252-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Lumberg
7200 LUMBERG-7200 Datasheet
706Kb / 3P
   Press-fit interconnect solutions
7201 LUMBERG-7201 Datasheet
697Kb / 3P
   Press-fit interconnect solutions
logo
TE Connectivity Ltd
1-1773871-5 TEC-1-1773871-5 Datasheet
5Mb / 8P
   INTERNAL CABLED INTERCONNECT SOLUTIONS
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com