전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NM27C210 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 NM27C210
상세설명  1,048,576-Bit (64K x 16) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM27C210 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  NM27C210 Datasheet HTML 1Page - Fairchild Semiconductor NM27C210 Datasheet HTML 2Page - Fairchild Semiconductor NM27C210 Datasheet HTML 3Page - Fairchild Semiconductor NM27C210 Datasheet HTML 4Page - Fairchild Semiconductor NM27C210 Datasheet HTML 5Page - Fairchild Semiconductor NM27C210 Datasheet HTML 6Page - Fairchild Semiconductor NM27C210 Datasheet HTML 7Page - Fairchild Semiconductor NM27C210 Datasheet HTML 8Page - Fairchild Semiconductor NM27C210 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
Connection Diagrams
DIP PIN CONFIGURATIONS
Note:
Compatible EPROM pin configurations are shown in the blocks adjacent to the NM27C210 pins.
Commercial Temperature Range
(0
°C to +70°C) V
CC = 5V ±10%
Parameter/Order Number
Access Time (ns)
NM27C210 Q, V, N 90
90
NM27C210 Q, V, N 120
120
NM27C210 Q, V, N 150
150
Industrial Temperature Range
(-40
°C to +85°C) V
CC = 5V ±10%
Parameter/Order Number
Access Time (ns)
NM27C210 QE, VE, NE 120
120
NM27C210 QE, VE, NE 150
150
Package Types: NM27C210 Q, V, N XXX
Q = Quartz-Windowed Ceramic DIP package
N = Plastic DIP package
V = PLCC package
• All packages conform to JEDEC standard.
• All versions are guaranteed to function in slower
applications.
Pin Names
A0–A15
Addresses
CE
Chip Enable
OE
Output Enable
O0–O15
Outputs
PGM
Program
XX
Don’t Care (During Read)
NC
No Connect
PLCC Pin Configuration
27C220 27C240 27C280
A18
CE/PGM
O15
O14
O13
O12
O11
O10
O9
O8
GND
O7
O6
O5
O4
O3
O2
O1
O0
OE/VPP
XXVPP
CE/PGM
O15
O14
O13
O12
O11
O10
O9
O8
GND
O7
O6
O5
O4
O3
O2
O1
O0
OE
XXVPP
CE
O15
O14
O13
O12
O11
O10
O9
O8
GND
O7
O6
O5
O4
O3
O2
O1
O0
OE
VCC
A17
A16
A15
A14
A13
A12
A11
A10
A9
GND
A8
A7
A6
A5
A4
A3
A2
A1
A0
VCC
PGM
A16
A15
A14
A13
A12
A11
A10
A9
GND
A8
A7
A6
A5
A4
A3
A2
A1
A0
VCC
A17
A16
A15
A14
A13
A12
A11
A10
A9
GND
A8
A7
A6
A5
A4
A3
A2
A1
A0
XX/VPP
CE
O15
O14
O13
O12
O11
O10
O9
O8
GND
O7
O6
O5
O4
O3
O2
O1
O0
OE
VCC
XX/PGM
NC
A15
A14
A13
A12
A11
A10
A9
GND
A8
A7
A6
A5
A4
A3
A2
A1
A0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
27C280 27C240 27C220
DIP
NM27C210
O12
O11
O10
O9
O8
GND
NC
O7
O6
O5
O4
A13
A12
A11
A10
A9
GND
NC
A8
A7
A6
A5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
40
41
42
43
44
38
37
36
35
34
33
32
31
30
22
21
20
19
18
28
27
26
25
24
23
29
39
DS011093-3
DS011093-7
Top View


유사한 부품 번호 - NM27C210

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
NM27C240 FAIRCHILD-NM27C240 Datasheet
96Kb / 10P
   4,194,304-Bit (256k x 16) High Performance CMOS EPROM
NM27C256 FAIRCHILD-NM27C256 Datasheet
110Kb / 11P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27C256 NSC-NM27C256 Datasheet
182Kb / 12P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
NM27C256N100 FAIRCHILD-NM27C256N100 Datasheet
110Kb / 11P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
NM27C256N120 FAIRCHILD-NM27C256N120 Datasheet
110Kb / 11P
   262,144-Bit (32K x 8) High Performance CMOS EPROM
More results

유사한 설명 - NM27C210

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
NM27LV210 FAIRCHILD-NM27LV210 Datasheet
77Kb / 9P
   1,048,576-Bit (64K x 16) Low Voltage EPROM
FM27C010 FAIRCHILD-FM27C010 Datasheet
109Kb / 10P
   1,048,576-Bit 128K x 8 High Performance CMOS EPROM
NM27C010 FAIRCHILD-NM27C010 Datasheet
117Kb / 10P
   1,048,576-Bit (128K x 8) High Performance CMOS EPROM
FM27C512 FAIRCHILD-FM27C512 Datasheet
100Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Macronix International
MX27C1100 MCNIX-MX27C1100 Datasheet
786Kb / 19P
   1M-BIT [128K x 8/64K x 16] CMOS EPROM
logo
Fairchild Semiconductor
NM27C240 FAIRCHILD-NM27C240 Datasheet
96Kb / 10P
   4,194,304-Bit (256k x 16) High Performance CMOS EPROM
logo
NXP Semiconductors
27C210 PHILIPS-27C210 Datasheet
531Kb / 14P
   1 MEG CMOS EPROM(64K X 16)
November 12 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com