전자부품 데이터시트 검색엔진 |
|
AD7450ABRTZ-REEL72 데이터시트(PDF) 8 Page - Analog Devices |
|
AD7450ABRTZ-REEL72 데이터시트(HTML) 8 Page - Analog Devices |
8 / 28 page AD7440/AD7450A Rev. C | Page 8 of 28 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 4. Parameter Rating VDD to GND –0.3 V to +7 V VIN+ to GND –0.3 V to VDD + 0.3 V VIN– to GND –0.3 V to VDD + 0.3 V Digital Input Voltage to GND –0.3 V to +7 V Digital Output Voltage to GND –0.3 V to VDD + 0.3 V VREF to GND –0.3 V to VDD + 0.3 V Input Current to Any Pin Except Supplies1 ±10 mA Operating Temperature Range Commercial (B Version) –40°C to +85°C Storage Temperature Range –65°C to +150°C Junction Temperature 150°C θJA Thermal Impedance MSOP 205.9°C/W SOT-23 211.5°C/W θJC Thermal Impedance MSOP 43.74°C/W SOT-23 91.99°C/W Lead Temperature, Soldering Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C ESD 1 kV Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 1.6mA IOL 200 μAI OH 1.6V TO OUTPUT PIN CL 25pF Figure 4. Load Circuit for Digital Output Timing Specifications 1 Transient currents of up to 100 mA do not cause SCR latch up. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
유사한 부품 번호 - AD7450ABRTZ-REEL72 |
|
유사한 설명 - AD7450ABRTZ-REEL72 |