전자부품 데이터시트 검색엔진 |
|
AD7450ABRM-REEL7 데이터시트(PDF) 5 Page - Analog Devices |
|
AD7450ABRM-REEL7 데이터시트(HTML) 5 Page - Analog Devices |
5 / 28 page AD7440/AD7450A Rev. C | Page 5 of 28 AD7450A–SPECIFICATIONS Table 2. VDD = 2.7 V to 3.6 V, fSCLK = 18 MHz, fS = 1 MSPS, VREF = 2.0 V; VDD = 4.75 V to 5.25 V, fSCLK = 18 MHz, fS = 1 MSPS, VREF = 2.5 V; VCM1 = VREF A MIN MAX ; T = T to T , unless otherwise noted. Temperature range for B Version: –40°C to +85°C. Parameter Test Conditions/Comments B Version Unit DYNAMIC PERFORMANCE fIN = 100 kHz Signal-to-(Noise + Distortion) (SINAD)2 70 dB min Total Harmonic Distortion (THD)2 VDD = 4.75 V to 5.25 V, –86 dB typ –76 dB max VDD = 2.7 V to 3.6 V, –84 dB typ –74 dB max Peak Harmonic or Spurious Noise2 VDD = 4.75 V to 5.25 V, –86 dB typ –76 dB max VDD = 2.7 V to 3.6 V, –84 dB typ –74 dB max Intermodulation Distortion (IMD)2 fa = 90 kHz, fb = 110 kHz Second-Order Terms –89 dB typ Third-Order Terms –89 dB typ Aperture Delay2 5 ns typ Aperture Jitter2 50 ps typ Full Power Bandwidth2, 3 @ –3 dB 20 MHz typ @ –0.1 dB 2.5 MHz typ DC ACCURACY Resolution 12 Bits Integral Nonlinearity (INL)2 ±1 LSB max Differential Nonlinearity (DNL)2 Guaranteed no missed codes to 12 bits ±0.95 LSB max Zero-Code Error2 ±6 LSB max Positive Gain Error2 ±2 LSB max Negative Gain Error2 ±2 LSB max ANALOG INPUT Full-Scale Input Span 2 × VREF 4 VIN+ – VIN– V Absolute Input Voltage VIN+ VCM = VREF VCM ± VREF/2 V VIN– VCM = VREF VCM ± VREF/2 V DC Leakage Current ±1 μA max Input Capacitance When in track-and-hold 30/10 pF typ REFERENCE INPUT VREF Input Voltage VDD = 4.75 V to 5.25 V (±1% tolerance for specified performance) 2.55 V VDD = 2.7 V to 3.6 V (±1% tolerance for specified performance) 2.06 V DC Leakage Current ±1 μA max VREF Input Capacitance When in track-and-hold 10/30 pF typ LOGIC INPUTS Input High Voltage, VINH 2.4 V min Input Low Voltage, VINL 0.8 V max Input Current, IIN Typically 10 nA, VIN = 0 V or VDD ±1 μA max Input Capacitance, CIN7 10 pF max LOGIC OUTPUTS Output High Voltage, VOH VDD = 4.75 V to 5.25 V; ISOURCE = 200 μA 2.8 V min VDD = 2.7 V to 3.6 V; ISOURCE = 200 μA 2.4 V min Output Low Voltage, VOL ISINK = 200 μA 0.4 V max Floating-State Leakage Current ±1 μA max Floating-State Output Capacitance7 10 pF max Output Coding Twos complement |
유사한 부품 번호 - AD7450ABRM-REEL7 |
|
유사한 설명 - AD7450ABRM-REEL7 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |