전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8058AR-EBZ 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8058AR-EBZ
상세설명  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8058AR-EBZ 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8058AR-EBZ Datasheet HTML 4Page - Analog Devices AD8058AR-EBZ Datasheet HTML 5Page - Analog Devices AD8058AR-EBZ Datasheet HTML 6Page - Analog Devices AD8058AR-EBZ Datasheet HTML 7Page - Analog Devices AD8058AR-EBZ Datasheet HTML 8Page - Analog Devices AD8058AR-EBZ Datasheet HTML 9Page - Analog Devices AD8058AR-EBZ Datasheet HTML 10Page - Analog Devices AD8058AR-EBZ Datasheet HTML 11Page - Analog Devices AD8058AR-EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Data Sheet
AD8057/AD8058
Rev. D | Page 7 of 16
0
–0.4
–0.6
–0.5
–0.2
–0.3
–0.1
–0.8
–0.7
TEMPERATURE (°C)
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80 85
+IB @ ±5V
–IB @ ±5V
–IB @ ±1.5V
+IB @ ±1.5V
+IB @ ±2.5V
–IB @ ±2.5V
Figure 12. Input Bias Current vs. Temperature
4
1
0
3
2
PSRR @ ±1.5V ±5V
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80 85
TEMPERATURE (°C)
Figure 13. PSRR vs. Temperature
FREQUENCY (MHz)
0
–10
–60
0.1
1000
1
10
100
–20
–30
–50
–40
–PSRR VS = ±2.5V
+PSRR VS = ±2.5V
Figure 14. PSRR vs. Frequency
100mV
20mV/DIV
–100mV
4ns/DIV
Figure 15. Small Signal Step Response G = +1, RL = 1 kΩ, VS = ±5 V,
See Figure 41 for Test Circuit
5V
1V/DIV
–5V
4ns/DIV
Figure 16. Large Signal Step Response G = +1,RL = 1 kΩ, VS = ±5.0 V,
See Figure 41 for Test Circuit
100mV
20mV/DIV
0V
–100mV
4ns/DIV
Figure 17. Small Signal Step Response G = –1, RL = 1 kΩ,
See Figure 42 for Test Circuit


유사한 부품 번호 - AD8058AR-EBZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8058AR-REEL AD-AD8058AR-REEL Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8058AR-REEL AD-AD8058AR-REEL Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8058AR-REEL7 AD-AD8058AR-REEL7 Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8058AR-REEL7 AD-AD8058AR-REEL7 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
More results

유사한 설명 - AD8058AR-EBZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8058 AD-AD8058_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8057 AD-AD8057_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8057 AD-AD8057 Datasheet
184Kb / 14P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. A
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
logo
Texas Instruments
LM7121 TI1-LM7121 Datasheet
709Kb / 21P
[Old version datasheet]   235 MHz Tiny Low Power Voltage Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com