전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP121-AUJZ12R7 데이터시트(PDF) 5 Page - Analog Devices

부품명 ADP121-AUJZ12R7
상세설명  150 mA, Low Quiescent Current, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP121-AUJZ12R7 데이터시트(HTML) 5 Page - Analog Devices

  ADP121-AUJZ12R7 Datasheet HTML 1Page - Analog Devices ADP121-AUJZ12R7 Datasheet HTML 2Page - Analog Devices ADP121-AUJZ12R7 Datasheet HTML 3Page - Analog Devices ADP121-AUJZ12R7 Datasheet HTML 4Page - Analog Devices ADP121-AUJZ12R7 Datasheet HTML 5Page - Analog Devices ADP121-AUJZ12R7 Datasheet HTML 6Page - Analog Devices ADP121-AUJZ12R7 Datasheet HTML 7Page - Analog Devices ADP121-AUJZ12R7 Datasheet HTML 8Page - Analog Devices ADP121-AUJZ12R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADP121
Rev. G | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VIN to GND
−0.3 V to +6.5 V
VOUT to GND
−0.3 V to VIN
EN to GND
−0.3 V to +6.5 V
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
−40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL DATA
Absolute maximum ratings apply individually only, not in
combination. The ADP121 can be damaged when the junction
temperature limits are exceeded. Monitoring the ambient
temperature does not guarantee that the junction temperature
(TJ) is within the specified temperature limits. In applications
with high power dissipation and poor thermal resistance, the
maximum ambient temperature may have to be derated.
In applications with moderate power dissipation and low PCB
thermal resistance, the maximum ambient temperature can
exceed the maximum limit as long as the junction temperature
is within specification limits. TJ of the device is dependent on
the ambient temperature (TA), the power dissipation of the
device (PD), and the junction-to-ambient thermal resistance of
the package (θJA). TJ is calculated from TA and PD using the
following formula:
TJ = TA + (PD × θJA)
Junction-to-ambient thermal resistance, θJA, is based on
modeling and calculation using a four-layer board. The
junction-to-ambient thermal resistance is highly dependent
on the application and board layout. In applications where high
maximum power dissipation exists, close attention to thermal
board design is required. The value of θJA may vary, depending
on PCB material, layout, and environmental conditions. The
specified values of θJA are based on a 4-layer, 4” × 3”, circuit
board. Refer to JESD 51-7 and JESD 51-9 for detailed
information on the board construction. For additional
information, see AN-617 Application Note, MicroCSPTM
Wafer Level Chip Scale Package.
ΨJB is the junction-to-board thermal characterization parameter
measured in °C/W. ΨJB is based on modeling and calculation
using a four-layer board. The JESD51-12 Guidelines for Reporting
and Using Package Thermal Information states that thermal
characterization parameters are not the same as thermal
resistances. ΨJB measures the component power flowing
through multiple thermal paths rather than a single path as in
thermal resistance, θJB. Therefore, ΨJB thermal paths include
convection from the top of the package as well as radiation
from the package, factors that make ΨJB more useful in real-
world applications. Maximum TJ is calculated from the board
temperature (TB) and PD using the following formula:
TJ = TB + (PD × ΨJB)
Refer to JESD51-8 and JESD51-12 for more detailed
information about ΨJB.
THERMAL RESISTANCE
θJA and ΨJB are specified for the worst-case conditions, that is, a
device soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θ
JA
Ψ
JB
Unit
5-Lead TSOT
170
43
°C/W
4-Ball 0.4 mm Pitch WLCSP
260
58
°C/W
ESD CAUTION


유사한 부품 번호 - ADP121-AUJZ12R7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP121-AUJZ28R7 AD-ADP121-AUJZ28R7 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP121-AUJZ30R7 AD-ADP121-AUJZ30R7 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP121-AUJZ33R7 AD-ADP121-AUJZ33R7 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
More results

유사한 설명 - ADP121-AUJZ12R7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160 Datasheet
513Kb / 20P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com