전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA41-1200 데이터시트(PDF) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

부품명 BTA41-1200
상세설명  Discrete Traics (Isolated)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
홈페이지  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BTA41-1200 데이터시트(HTML) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BTA41-1200 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA41-1200 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA41-1200 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA41-1200 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd BTA41-1200 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Symbol
T
est Conditions
Characteristic Values
Unit
V
VTM
IT=41A; TVJ=25oC
1.44
VTO
For power-loss calculations only (TVJ=125oC)
0.85
V
rT
10
m
VGT
1.3
V
VD=6V; IT=1A;TVJ=25oC
IGT
50
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.2
V
IGD
10
mA
IH
TVJ=25oC; VD=6V; RGK=
100
mA
DC current
RthJC
1.3
K/W
DC current
RthJH
1.5
K/W
a
Max. acceleration, 50 Hz
50
m/s2
IR, ID
TVJ=TVJM; VD=VDRM
10
mA
VD=6V; IT=1A;TVJ=25oC
50
50
100
1.3
1.3
1.5
BTA41-200 thru BTA41-1200
Discrete Traics (Isolated)
http://www.luguang.cn
mail:lge@luguang.cn


유사한 부품 번호 - BTA41-1200

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTA41-400 STMICROELECTRONICS-BTA41-400 Datasheet
74Kb / 5P
   STANDARD TRIACS
BTA41-400B STMICROELECTRONICS-BTA41-400B Datasheet
74Kb / 5P
   STANDARD TRIACS
logo
Inchange Semiconductor ...
BTA41-400B ISC-BTA41-400B Datasheet
220Kb / 1P
   isc Thyristors
logo
Continental Device Indi...
BTA41-600 CDIL-BTA41-600 Datasheet
75Kb / 2P
   Triac Series
logo
Inchange Semiconductor ...
BTA41-600 ISC-BTA41-600 Datasheet
213Kb / 1P
   isc Triacs
More results

유사한 설명 - BTA41-1200

제조업체부품명데이터시트상세설명
logo
Sirectifier Semiconduct...
STO875 SIRECTIFIER-STO875 Datasheet
304Kb / 3P
   Discrete Thyristors (Isolated)
logo
Sirectifier Global Corp...
BTA35 SIRECT-BTA35 Datasheet
1Mb / 2P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB08 SIRECTIFIER-BTB08 Datasheet
337Kb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA26 SIRECT-BTA26 Datasheet
990Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTA06 SIRECT-BTA06 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTA10 SIRECT-BTA10 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB15 SIRECTIFIER-BTB15 Datasheet
267Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA08 SIRECT-BTA08 Datasheet
1Mb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB10 SIRECTIFIER-BTB10 Datasheet
256Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA15 SIRECT-BTA15 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com