์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BTA41-1200 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

๋ถ€ํ’ˆ๋ช… BTA41-1200
์ƒ์„ธ๋‚ด์šฉ  Discrete Traics (Isolated)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
ํ™ˆํŽ˜์ด์ง€  http://www.luguang.cn/web_en/index.html
Logo 

BTA41-1200 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 3 / 5 page
background image
Fig. 1: Maximum power dissipation versus RMS
on-state current (full cycle).
Fig. 2: RMS on-state current versus case
temperature (full cycle).
0
5
1 0
1 5
2 0
2 5
3 0
3 5
41
0
1 0
2 0
3 0
4 0
50
IT(RMS) (A)
P (W)
1 8 0หš
ฮฑ
ฮฑ
0
25
50
75
1 0 0
1 2 5
0
5
1 0
1 5
2 0
2 5
3 0
3 5
4 0
4 5
Tc(ยฐC)
IT(RMS) (A)
ฮฑ = 1 8 0
หš
Fig. 3: Relative variation of thermal impedance
versus pulse duration.
Fig. 4: On-state characteristics (maximum
values).
Fig. 5: Surge peak on-state current versus
number of cycles.
Fig. 6: Non-repetitive surge peak on-state
current for a sinusoidal pulse with width
tp < 10 ms, and corresponding value of Iยฒt.
1.E-03 1.E-02 1.E-01 1.E+00 1.E+01 1.E+02 1.E+03
1.E-03
1.E-02
1.E-01
1.E+00
K=[Zth/Rth]
Z th (j-c )
tp (s)
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
1
10
100
400
VTM (V)
ITM (A)
T j= 2 5
หšC
T j m a x
Tj max.:
Vto = 0.85 V
Rd = 10 mโ„ฆ
1
10
100
1000
0
50
100
150
200
250
300
350
400
450
Number of cycles
ITSM (A)
Non repetitive
Tj initial=25ยฐC
R e p e titive
T c = 7 0หšC
O n e c y c le
t= 2 0 m s
0.01
0.10
1.00
10.00
100
1000
10000
tp (ms)
ITSM (A), Iยฒt (Aยฒs)
Tj initial=25ยฐC
IT S M
Iยฒt
d I/d t lim ita tio n :
5 0 A /ยตs
BTA41-200 thru BTA41-1200
Discrete Traics (Isolated)
http://www.luguang.cn
mail:lge@luguang.cn


Html Pages

1  2  3  4  5 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn