전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD630KN 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD630KN
상세설명  Balanced Modulator/Demodulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD630KN 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD630KN Datasheet HTML 2Page - Analog Devices AD630KN Datasheet HTML 3Page - Analog Devices AD630KN Datasheet HTML 4Page - Analog Devices AD630KN Datasheet HTML 5Page - Analog Devices AD630KN Datasheet HTML 6Page - Analog Devices AD630KN Datasheet HTML 7Page - Analog Devices AD630KN Datasheet HTML 8Page - Analog Devices AD630KN Datasheet HTML 9Page - Analog Devices AD630KN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
REV. E
AD630
–5–
20mV
500ns
20mV
100
90
10
0%
20mV/DIV
(Vo)
20mV/DIV
(Vi)
TOP TRACE: Vo
BOTTOM TRACE: Vi
5k
10k
10k
Vi
CH A
CH B
12
VO
2
20
19
18
13
9
10
14
16
15
TPC 7. Channel-to-Channel Switch-Settling Characteristic
100
90
10
0%
100mV
500ns
50mV
1mV
50mV/DIV
(Vi)
1mV/DIV
(A)
TOP TRACE: Vi
MIDDLE TRACE: SETTLING
ERROR (A)
BOTTOM TRACE: Vo
100mV/DIV
(Vo)
12
CH A
MIDDLE
TRACE
(A)
10k
10k
VO
BOTTOM
TRACE
TEKTRONIX
7A13
10k
1k
30pF
10k
Vi
TOP
TRACE
2
20
13
14
15
TPC 8. Small Signal Noninverting Step Response
100
90
10
0%
10V
10V
1mV
TOP TRACE: Vi
MIDDLE TRACE: SETTLING
ERROR (B)
BOTTOM TRACE: Vo
5 s
10V 20kHz
(Vi)
1mV/DIV
(B)
10V/DIV
(Vo)
12
CH A
10k
10k
VO
BOTTOM
TRACE
10k
Vi
TOP
TRACE
(B)
MIDDLE
TRACE
10k
HP5082-2811
20
2
13
14
15
TPC 9. Large Signal Inverting Step Response


유사한 부품 번호 - AD630KN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD630KN AD-AD630KN Datasheet
288Kb / 8P
   Balanced Modulator/Demodulator
REV. C
AD630KN AD-AD630KN Datasheet
318Kb / 12P
   Balanced Modulator/Demodulator
REV. E
AD630KN AD-AD630KN Datasheet
488Kb / 13P
   Balanced Modulator/Demodulator
REV. E
AD630KN AD-AD630KN Datasheet
488Kb / 13P
   Balanced Modulator/Demodulator
REV. E
AD630KNZ AD-AD630KNZ Datasheet
488Kb / 13P
   Balanced Modulator/Demodulator
REV. E
More results

유사한 설명 - AD630KN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD630KNZ AD-AD630KNZ Datasheet
488Kb / 13P
   Balanced Modulator/Demodulator
REV. E
AD630 AD-AD630_04 Datasheet
318Kb / 12P
   Balanced Modulator/Demodulator
REV. E
AD630 AD-AD630_V01 Datasheet
570Kb / 20P
   Balanced Modulator/Demodulator
Rev. G
logo
National Semiconductor ...
LM1596 NSC-LM1596 Datasheet
164Kb / 8P
   Balanced Modulator-Demodulator
logo
Analog Devices
AD630ADZ AD-AD630ADZ Datasheet
488Kb / 13P
   Balanced Modulator/Demodulator
REV. E
AD630 AD-AD630 Datasheet
288Kb / 8P
   Balanced Modulator/Demodulator
REV. C
AD630 AD-AD630_15 Datasheet
519Kb / 13P
   Balanced Modulator/Demodulator
REV. E
logo
New Japan Radio
NJM1496 NJRC-NJM1496 Datasheet
191Kb / 6P
   DOUBLE BALANCED MODULATOR-DEMODULATOR
logo
NTE Electronics
NTE973D NTE-NTE973D Datasheet
27Kb / 4P
   Integrated Circuit Double Balanced Modulator/Demodulator
logo
RF Micro Devices
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com