전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD790SQ 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD790SQ
상세설명  Fast, Precision Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD790SQ 데이터시트(HTML) 3 Page - Analog Devices

  AD790SQ Datasheet HTML 1Page - Analog Devices AD790SQ Datasheet HTML 2Page - Analog Devices AD790SQ Datasheet HTML 3Page - Analog Devices AD790SQ Datasheet HTML 4Page - Analog Devices AD790SQ Datasheet HTML 5Page - Analog Devices AD790SQ Datasheet HTML 6Page - Analog Devices AD790SQ Datasheet HTML 7Page - Analog Devices AD790SQ Datasheet HTML 8Page - Analog Devices AD790SQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SINGLE SUPPLY
AD790J/A
AD790K/B
AD790S
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESPONSE CHARACTERISTIC
100 mV Step
Propagation Delay, tPD
5 mV Overdrive
45
50
45
50
45
50
ns
TMIN to TMAX
50/60
50/60
65
ns
OUTPUT CHARACTERISTICS
Output HIGH Voltage, VOH
1.6 mA Source
4.65
4.65
4.65
6.4 mA Source
4.3
4.45
4.3
4.45
4.3
4.45
V
TMIN to TMAX
4.3
4.3
4.3
V
Output LOW Voltage, VOL
1.6 mA Sink
0.35
0.35
0.35
V
6.4 mA Sink
0.44
0.5
0.44
0.5
0.44
0.5
V
TMIN to TMAX
0.5
0.5
0.5
V
INPUT CHARACTERISTICS
Offset Voltage
2
0.45
1.5
0.35
0.6
0.45
1.5
mV
TMIN to TMAX
2.0
0.85
2.0
mV
Hysteresis
3
TMIN to TMAX
0.3
0.5
0.75
0.3
0.5
0.65
0.3
0.7
1.0
mV
Bias Current
Either Input
2.7
5
2.0
3.5
2.7
5
µA
TMIN to TMAX
7
58
µA
Offset Current
0.04
0.25
0.02
0.15
0.04
0.25
µA
TMIN to TMAX
0.3
0.2
0.4
µA
Power Supply
Rejection Ratio DC
4.5 V
≤V
S
≤5.5 V
80
90
86
100
80
90
dB
TMIN to TMAX
76/76 88
82
93
76
85
dB
Input Voltage Range
Differential Voltage
VS
VS
VS
V
Common Mode
0
+VS–2 V
0
+VS–2 V
0
+VS–2 V V
Input Impedance
20 220 220 2M
Ω pF
LATCH CHARACTERISTICS
Latch Hold Time, tH
25
35
25
35
25
35
ns
Latch Setup Time, tS
510
5
10
510
ns
LOW Input Level, VIL
TMIN to TMAX
0.8
0.8
0.8
V
HIGH Input Level, VIH
TMIN to TMAX
1.6
1.6
1.6
V
Latch Input Current
2.3
5
2.3
3.5
2.3
5
µA
TMIN to TMAX
7
58
µA
SUPPLY CHARACTERISTICS
Supply Voltage
4
TMIN to TMAX
4.5
7
4.5
7
4.7
7
V
Quiescent Current
10
12
10
12
10
12
mA
Power Dissipation
60
60
60
mW
TEMPERATURE RANGE
Rated Performance
TMIN to TMAX
0 to 70/–40 to +85
0 to 70/–40 to +85
–55 to +125
°C
NOTES
1Pin 1 tied to Pin 8, and Pin 4 tied to Pin 6.
2Defined as the average of the input voltages at the low to high and high to low transition points. Refer to Figure 6.
3Defined as half the magnitude between the input voltages at the low to high and high to low transition points. Refer to Figure 6.
4–V
S must not be connected above ground.
All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units at final test.
Specifications subject to change without notice.
AD790
REV. D
–3–
(Operation @ 25 C and +VS = VLOGIC = 5 V, –VS = 0 V unless otherwise noted.)
1


유사한 부품 번호 - AD790SQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD790SQ AD-AD790SQ Datasheet
211Kb / 8P
   Fast, Precision Comparator
REV. B
AD790SQ AD-AD790SQ Datasheet
173Kb / 12P
   Fast, Precision Comparator
REV. D
AD790SQ AD-AD790SQ Datasheet
353Kb / 11P
   Fast, Precision Fast, Precision
AD790SQ/883B AD-AD790SQ/883B Datasheet
211Kb / 8P
   Fast, Precision Comparator
REV. B
More results

유사한 설명 - AD790SQ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD790 AD-AD790_02 Datasheet
173Kb / 12P
   Fast, Precision Comparator
REV. D
AD790 AD-AD790_15 Datasheet
316Kb / 10P
   Fast, Precision Comparator
Rev. E
AD790JRZ AD-AD790JRZ Datasheet
179Kb / 12P
   Fast, Precision Comparator
REV. D
AD790 AD-AD790 Datasheet
211Kb / 8P
   Fast, Precision Comparator
REV. B
logo
Linear Technology
LT1016 LINER-LT1016 Datasheet
911Kb / 20P
   Ultra Fast Precision Comparator
logo
New Japan Radio
NJM311 NJRC-NJM311 Datasheet
194Kb / 6P
   PRECISION VOLTAGE COMPARATOR
logo
Fairchild Semiconductor
UA734 FAIRCHILD-UA734 Datasheet
509Kb / 10P
   PRECISION VOLTAGE COMPARATOR
logo
Renesas Technology Corp
PC311 RENESAS-PC311_15 Datasheet
359Kb / 12P
   PRECISION VOLTAGE COMPARATOR
logo
Linear Technology
RH1016 LINER-RH1016_15 Datasheet
146Kb / 2P
   UltraFast Precision 10ns Comparator
RH1016M LINER-RH1016M_15 Datasheet
121Kb / 6P
   UltraFast Precision 10ns Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com