전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1865N 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD1865N
상세설명  Complete Dual 18-Bit 16 x FS Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1865N 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD1865N Datasheet HTML 4Page - Analog Devices AD1865N Datasheet HTML 5Page - Analog Devices AD1865N Datasheet HTML 6Page - Analog Devices AD1865N Datasheet HTML 7Page - Analog Devices AD1865N Datasheet HTML 8Page - Analog Devices AD1865N Datasheet HTML 9Page - Analog Devices AD1865N Datasheet HTML 10Page - Analog Devices AD1865N Datasheet HTML 11Page - Analog Devices AD1865N Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD1865
REV. 0
–11–
OTHER DIGITAL AUDIO COMPONENTS AVAILABLE
FROM ANALOG DEVICES
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AD1856
–VS
DGND
NC
CLK
LE
DATA
–VL
+VL
NC NO CONNECT
=
+VS
TRIM
MSB ADJ
IOUT
AGND
SJ
RF
VOUT
16-BIT
LATCH
SERIAL
INPUT
REGISTER
16-BIT
DAC
IOUT
CONTROL
LOGIC
REF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AD1860
–VS
DGND
NC
CLK
LE
DATA
–VL
+VL
NC NO CONNECT
=
+VS
TRIM
MSB ADJ
IOUT
AGND
SJ
RF
VOUT
18-BIT
LATCH
SERIAL
INPUT
REGISTER
18-BIT
DAC
IOUT
CONTROL
LOGIC
REF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AD1862
–VS
–VS
+VL
CLK
LE
DATA
–VL
TRIM
+VS
NR2
ADJ
NR1
AGND
IOUT
RF
DGND
VOLTAGE
REFERENCE
INPUT
&
DIGITAL
OFFSET
20-BIT
DAC
AD1856 16-BIT AUDIO DAC
Complete, No External Components Required
0.0025% THD
Low Cost
16-Pin DIP or SOIC Package
Standard Pinout
AD1860 18-BIT AUDIO DAC
Complete, No External Components Required
0.0025% THD+N
108 dB Signal-to-Noise Ratio
16-Pin DIP or SOIC Package
Standard Pinout
AD1862 20-BIT AUDIO DAC
119 dB Signal-to-Noise Ratio
0.0016% THD+N
102 dB D-Range Performance
±1 dB Gain Linearity
16-Pin DIP Package
AD1868 +5 V SINGLE SUPPLY DUAL 18-BIT
AUDIO DAC
No External Components Required
0.004% THD+N
92 dB D-Range Performance
±3 dB Gain Linearity
16-Pin DIP or SOIC Package
18-BIT
DAC
18-BIT
SERIAL
REGISTER
AD1868
VL
LL
DL
CLK
DR
LR
DGND
VBIASR
VBIASL
VS
VOUTL
NRL
AGND
NRR
VOUTR
VS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
18-BIT
DAC
18-BIT
SERIAL
REGISTER
VREF
VREF


유사한 부품 번호 - AD1865N

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1865N AD-AD1865N Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
AD1865N-J AD-AD1865N-J Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
More results

유사한 설명 - AD1865N

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1865 AD-AD1865 Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
AD1864 AD-AD1864 Datasheet
302Kb / 12P
   Complete Dual 18-Bit Audio DAC
REV. A
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
   COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1851 AD-AD1851 Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
AD1851RZ-J AD-AD1851RZ-J Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851RZ AD-AD1851RZ Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851RZ-REEL7 AD-AD1851RZ-REEL7 Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
logo
API Technologies Corp
DAC9377 APITECH-DAC9377 Datasheet
2Mb / 3P
   Complete Buffered 16-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com