전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1865R 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD1865R
상세설명  Complete Dual 18-Bit 16 x FS Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1865R 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD1865R Datasheet HTML 3Page - Analog Devices AD1865R Datasheet HTML 4Page - Analog Devices AD1865R Datasheet HTML 5Page - Analog Devices AD1865R Datasheet HTML 6Page - Analog Devices AD1865R Datasheet HTML 7Page - Analog Devices AD1865R Datasheet HTML 8Page - Analog Devices AD1865R Datasheet HTML 9Page - Analog Devices AD1865R Datasheet HTML 10Page - Analog Devices AD1865R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. 0
–7–
CURRENT OUTPUT MODE
One or both channels of the AD1865 can be operated in current
output mode. IOUT can be used to directly drive an external
current-to-voltage (I-V) converter. The internal feedback resis-
tor, RF, can still be used in the feedback path of the external I-V
converter, thus assuring that RF tracks the DAC over time and
temperature.
Of course, the AD1865 can also be used in voltage output mode
in order to utilize the onboard I-V converter.
VOLTAGE OUTPUT MODES
As shown on the block diagram, each channel of the AD1865 is
complete with an I-V converter and a feedback resistor. These
can be connected externally to provide direct voltage output
from one or both AD1865 channels. Figure 6 shows these con-
nections. IOUT is connected to the Summing Junction, SJ. VOUT
is connected to the feedback resistor, RF. This implementation
results in the lowest possible component count and achieves the
specifications shown on the Specifications page while operating
at 16
× F
S.
L
S
B
L
S
B
M
S
B
M
S
B
CLK
DL
DR
LL
LR
Figure 8. AD1865 Control Signals
INPUT DATA
Data is transmitted to the AD1865 in a bit stream composed of
18-bit words with a serial, twos complement, MSB first format.
Data Left (DL) and Data Right (DR) are the serial inputs for
the left and right DACs, respectively. Similarly, Latch Left (LL)
and Latch Right (LR) update the left and right DACs. The fall-
ing edge of LL and LR cause the last 18 bits which were clocked
into the Serial Registers to be shifted into the DACs, thereby
updating the DAC outputs. Left and Right channels share the
Clock (CLK) signal. Data is clocked into the input registers on
the rising edge of CLK.
Figure 8 illustrates the general signal requirements for data
transfer for the AD1865.
TIMING
Figure 9 illustrates the specific timing requirements that must
be met in order for the data transfer to be accomplished prop-
erly. The input pins of the AD1865 are both TTL and 5 V
CMOS compatible.
The minimum clock rate of the AD1865 is at least 13.5 MHz.
This clock rate allows data transfer rates of 2
×, 4×, 8× and
16
× F
S (where FS equals 44.1 kHz).
CLK
DL/DR
LL/LR
>74.1ns
>30ns
>30ns
>40ns
>15ns
>40ns
>40ns
>30ns
>15ns
>15ns
MSB
1st BIT
2nd BIT
LSB
18th BIT
NEXT
WORD
BITS CLOCKED
TO SHIFT REGISTER
INTERNAL DAC INPUT REGISTER
UPDATED WITH 18 MOST RECENT BITS
Figure 9. AD1865 Timing Diagram
Digital Circuit Considerations–AD1865


유사한 부품 번호 - AD1865R

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1865R AD-AD1865R Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
AD1865R-J AD-AD1865R-J Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
More results

유사한 설명 - AD1865R

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1865 AD-AD1865 Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
AD1864 AD-AD1864 Datasheet
302Kb / 12P
   Complete Dual 18-Bit Audio DAC
REV. A
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
   COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1851 AD-AD1851 Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
AD1851RZ-J AD-AD1851RZ-J Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851RZ AD-AD1851RZ Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851RZ-REEL7 AD-AD1851RZ-REEL7 Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
logo
API Technologies Corp
DAC9377 APITECH-DAC9377 Datasheet
2Mb / 3P
   Complete Buffered 16-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com