전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5450YUJZ-REEL 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD5450YUJZ-REEL
상세설명  8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5450YUJZ-REEL 데이터시트(HTML) 5 Page - Analog Devices

  AD5450YUJZ-REEL Datasheet HTML 1Page - Analog Devices AD5450YUJZ-REEL Datasheet HTML 2Page - Analog Devices AD5450YUJZ-REEL Datasheet HTML 3Page - Analog Devices AD5450YUJZ-REEL Datasheet HTML 4Page - Analog Devices AD5450YUJZ-REEL Datasheet HTML 5Page - Analog Devices AD5450YUJZ-REEL Datasheet HTML 6Page - Analog Devices AD5450YUJZ-REEL Datasheet HTML 7Page - Analog Devices AD5450YUJZ-REEL Datasheet HTML 8Page - Analog Devices AD5450YUJZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD5450/AD5451/AD5452/AD5453
Rev. G | Page 5 of 28
TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. VDD = 2.5 V to 5.5 V,
VREF = 10 V, temperature range for Y version: −40°C to +125°C. All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter1
VDD = 2.5 V to 5.5 V
Unit
Description
fSCLK
50
MHz max
Maximum clock frequency
t1
20
ns min
SCLK cycle time
t2
8
ns min
SCLK high time
t3
8
ns min
SCLK low time
t4
8
ns min
SYNC falling edge to SCLK active edge setup time
t5
5
ns min
Data setup time
t6
4.5
ns min
Data hold time
t7
5
ns min
SYNC rising edge to SCLK active edge
t8
30
ns min
Minimum SYNC high time
Update Rate
2.7
MSPS
Consists of cycle time, SYNC high time, data setup, and
output voltage settling time
1
Guaranteed by design and characterization, not subject to production test.
SCLK
SYNC
DIN
DB15
DB0
t7
t3
t2
t6
t5
t4
t8
t1
Figure 2. Timing Diagram


유사한 부품 번호 - AD5450YUJZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5450YUJZ-REEL AD-AD5450YUJZ-REEL Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450YUJZ-REEL7 AD-AD5450YUJZ-REEL7 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

유사한 설명 - AD5450YUJZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450 Datasheet
125Kb / 16P
   8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. PrD Oct, 2003
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com