전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7226KNZ 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD7226KNZ
상세설명  LC2MOS Quad 8-Bit D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7226KNZ 데이터시트(HTML) 1 Page - Analog Devices

  AD7226KNZ Datasheet HTML 1Page - Analog Devices AD7226KNZ Datasheet HTML 2Page - Analog Devices AD7226KNZ Datasheet HTML 3Page - Analog Devices AD7226KNZ Datasheet HTML 4Page - Analog Devices AD7226KNZ Datasheet HTML 5Page - Analog Devices AD7226KNZ Datasheet HTML 6Page - Analog Devices AD7226KNZ Datasheet HTML 7Page - Analog Devices AD7226KNZ Datasheet HTML 8Page - Analog Devices AD7226KNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV.
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
© 20
Analog Devices, Inc. All rights reserved.
AD7226
LC2MOS
Quad 8-Bit D/A Converter
FUNCTIONAL BLOCK DIAGRAM
CONTROL
LOGIC
DAC A
DAC B
DAC C
DAC D
LATCH A
LATCH B
LATCH C
LATCH D
A
B
C
D
MSB
DATA
(8-BIT)
LSB
WR
A1
A0
VSS
AGND
AGND
VREF
VDD
VOUTA
VOUTB
VOUTC
VOUTD
D
A
T
A
B
U
S
AD7226
GENERAL DESCRIPTION
The AD7226 contains four 8-bit voltage-output digital-to-
analog converters, with output buffer amplifiers and interface
logic on a single monolithic chip. No external trims are required
to achieve full specified performance for the part.
Separate on-chip latches are provided for each of the four D/A
converters. Data is transferred into one of these data latches
through a common 8-bit TTL/CMOS (5 V) compatible input
port. Control inputs A0 and A1 determine which DAC is
loaded when
WR goes low. The control logic is speed-compat-
ible with most 8-bit microprocessors.
Each D/A converter includes an output buffer amplifier capable
of driving up to 5 mA of output current. The amplifiers’ offsets
are laser-trimmed during manufacture, thereby eliminating any
requirement for offset nulling.
Specified performance is guaranteed for input reference voltages
from 2 V to 12.5 V with dual supplies. The part is also specified
for single supply operation at a reference of 10 V.
The AD7226 is fabricated in an all ion-implanted high speed
Linear Compatible CMOS (LC
2MOS) process, which has been
specifically developed to allow high speed digital logic circuits
and precision analog circuits to be integrated on the same chip.
PRODUCT HIGHLIGHTS
1. DAC-to-DAC Matching
Since all four DACs are fabricated on the same chip at the
same time, precise matching and tracking between the DACs
is inherent.
2. Single-Supply Operation
The voltage mode configuration of the DACs allows the
AD7226 to be operated from a single power supply rail.
3. Microprocessor Compatibility
The AD7226 has a common 8-bit data bus with individual
DAC latches, providing a versatile control architecture for
simple interface to microprocessors. All latch enable signals
are level triggered.
4. Small Size
Combining four DACs and four op amps plus interface logic
into a 20-pin package allows a dramatic reduction in board
space requirements and offers increased reliability in systems
using multiple converters. Its pinout is aimed at optimizing
board layout with all the analog inputs and outputs at one
end of the package and all the digital inputs at the other.
FEATURES
Four 8-Bit DACs with Output Amplifiers
Skinny 20-Lead DIP, SOIC, SSOP, and PLCC Packages
Microprocessor-Compatible
TTL/CMOS-Compatible
No User Trims
Extended Temperature Range Operation
Single Supply Operation Possible
APPLICATIONS
Process Control
Automatic Test Equipment
Automatic Calibration of Large System Parameters,
e.g., Gain/Offset
D
11
781-461-3113


유사한 부품 번호 - AD7226KNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7226KNZ AD-AD7226KNZ Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results

유사한 설명 - AD7226KNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226 AD-AD7226_15 Datasheet
423Kb / 16P
   LC MOS Quad 8-Bit D/A Converter
REV. D
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com