전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZT2907A 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 PZT2907A
상세설명  PNP General Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZT2907A 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  PZT2907A Datasheet HTML 1Page - Fairchild Semiconductor PZT2907A Datasheet HTML 2Page - Fairchild Semiconductor PZT2907A Datasheet HTML 3Page - Fairchild Semiconductor PZT2907A Datasheet HTML 4Page - Fairchild Semiconductor PZT2907A Datasheet HTML 5Page - Fairchild Semiconductor PZT2907A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Typical Common Emitter Characteristics (f = 1.0kHz)
Common Emitter Characteristics
12
5
10
20
50
0.1
0.2
0.5
1
2
5
I - COLLECTOR CURRENT (mA)
V
= -10 V
CE
C
T = 25 C
A
o
hoe
h re
h fe
h ie
_
_
_
_
_
_
Common Emitter Characteristics
-20
-16
-12
-8
-4
0.8
0.9
1
1.1
1.2
1.3
V
- COLLECTOR VOLTAGE (V)
I = -10mA
C
CE
T = 25 C
A
o
hoe
h
and h
re
h fe
h ie
oe
h fe
h ie
h re
Common Emitter Characteristics
-40
-20
0
20406080
100
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
T - AMBIENT TEMPERATURE ( C)
V
= -10 V
CE
A
hoe
h re
h fe
h ie
o
I = -10mA
C
h fe
h ie
h re
hoe
PNP General Purpose Amplifier
(continued)


유사한 부품 번호 - PZT2907A

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
PZT2907A MOTOROLA-PZT2907A Datasheet
139Kb / 6P
   SOT-223 PACKAGE PNP SILICON TRANSISTOR SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
PZT2907A WINNERJOIN-PZT2907A Datasheet
161Kb / 1P
   TRANSISTOR (PNP)
logo
ON Semiconductor
PZT2907A ONSEMI-PZT2907A Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
PZT2907A ONSEMI-PZT2907A Datasheet
108Kb / 4P
   PNP Silicon Epitaxial Transistor
August, 2013 ??Rev. 10
logo
NXP Semiconductors
PZT2907A PHILIPS-PZT2907A Datasheet
46Kb / 8P
   PNP switching transistor
1999 Apr 14
More results

유사한 설명 - PZT2907A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com