전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8219BRMZ 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD8219BRMZ
상세설명  Zero Drift, Unidirectional Current Shunt Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8219BRMZ 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD8219BRMZ Datasheet HTML 2Page - Analog Devices AD8219BRMZ Datasheet HTML 3Page - Analog Devices AD8219BRMZ Datasheet HTML 4Page - Analog Devices AD8219BRMZ Datasheet HTML 5Page - Analog Devices AD8219BRMZ Datasheet HTML 6Page - Analog Devices AD8219BRMZ Datasheet HTML 7Page - Analog Devices AD8219BRMZ Datasheet HTML 8Page - Analog Devices AD8219BRMZ Datasheet HTML 9Page - Analog Devices AD8219BRMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8219
Rev. A | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
–19.0
–19.5
–20.0
–20.5
–21.0
–21.5
–22.0
–22.5
–23.0
–23.5
–24.0
–40
140
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 3. Typical Input Offset vs. Temperature
120
50
60
70
80
90
100
110
100
1M
100k
10k
1k
FREQUENCY (Hz)
Figure 4. Typical CMRR vs. Frequency
0
–50
–100
–150
–200
–250
–300
–350
–400
–450
–500
–40
140
120
100
80
60
40
20
0
–20
TEMPERATURE (°C)
Figure 5. Typical Gain Error vs. Temperature
40
–40
–30
–20
–10
0
10
20
30
1k
10M
1M
100k
10k
FREQUENCY (Hz)
Figure 6. Typical Small Signal Bandwidth (VOUT = 200 mV p-p)
7
–2
–1
1
0
2
3
4
5
6
01
9
8
7
6
5
4
3
2
1
DIFFERENTIAL INPUT VOLTAGE (mV)
0
Figure 7. Typical Output Error vs. Differential Input Voltage
300
250
200
150
100
50
0
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
INPUT COMMON-MODE VOLTAGE (V)
+IN
–IN
Figure 8. Input Bias Current vs. Input Common-Mode Voltage
(Differential Input Voltage = 5 mV) (VS = 5 V)


유사한 부품 번호 - AD8219BRMZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
More results

유사한 설명 - AD8219BRMZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA216 TI-INA216 Datasheet
438Kb / 18P
[Old version datasheet]   Small size,Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
INA216 TI-INA216_10 Datasheet
443Kb / 19P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zero-Drift Series
logo
Analog Devices
AD8217 AD-AD8217 Datasheet
314Kb / 16P
   High Resolution, Zero-Drift Current Shunt Monitor
REV. 0
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com