전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCZ33903CS5EKR2 데이터시트(PDF) 8 Page - Freescale Semiconductor, Inc

부품명 MCZ33903CS5EKR2
상세설명  SBC Gen2 with CAN High Speed and LIN Interface
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33903CS5EKR2 데이터시트(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ33903CS5EKR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33903CS5EKR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33903/4/5
DEVICE VARIATIONS
Table 3. MC33903 Device Variations - (All devices rated at TA = -40 TO 125 °C)
Freescale Part Number
Version
(6), (7)
VDD Output
Voltage
LIN
Interface(s)
Wake-up Input / LIN Master
Termination
Package
VAUX VSENSE
MUX
MC33903
MCZ33903B3EK/R2
B
3.3 V(5)
0
1 Wake-up
SOIC 32 pin
exposed pad
No
No
No
MCZ33903C3EK/R2
C
MCZ33903B5EK/R2
B
5.0 V(5)
MCZ33903C5EK/R2
C
MC33903D (Dual LIN)
MCZ33903BD3EK/R2
B
3.3 V
2
1 Wake-up + 2 LIN terms
or
2 Wake-up + 1 LIN terms
or
3 Wake-up + no LIN terms
SOIC 32 pin
exposed pad
No
Yes
Yes
MCZ33903CD3EK/R2
C
MCZ33903BD5EK/R2
B
5.0 V
MCZ33903CD5EK/R2
C
MC33903S (Single LIN)
MCZ33903BS3EK/R2
B
3.3 V
1
2 Wake-up + 1 LIN terms
or
3 Wake-up + no LIN terms
SOIC 32 pin
exposed pad
No
Yes
Yes
MCZ33903CS3EK/R2
C
MCZ33903BS5EK/R2
B
5.0 V
MCZ33903CS5EK/R2
C
MC33903P
MCZ33903CP5EK/R2
C
5.0 V
0
3 Wake-up
SOIC 32 pin
exposed pad
No
Yes
Yes
MCZ33903CP3EK/R2
3.3 V
Notes
5.
VDD does not allow usage of an external PNP on the 33903. Output current limited to 100 mA.
6.
Design changes in the “B” version resolved VSUP slow ramp up issues, enhanced device current consumption and improved oscillator
stability. “B” version has an errata linked to the SPI operation.
7.
“C” versions are recommended for new designs. Design changes in the “C” version resolve the SPI deviation of all prior versions, and
does not have the RxD short to ground detection feature.


유사한 부품 번호 - MCZ33903CS5EKR2

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MCZ33903CS5EK-R2 FREESCALE-MCZ33903CS5EK-R2 Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903CS5EK/R2 FREESCALE-MCZ33903CS5EK/R2 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MCZ33903CS5EK/R2 NXP-MCZ33903CS5EK/R2 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
More results

유사한 설명 - MCZ33903CS5EKR2

제조업체부품명데이터시트상세설명
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
33903 FREESCALE-33903 Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
33903 NXP-33903 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
   System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com