전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54ABT16245 데이터시트(PDF) 9 Page - Texas Instruments

부품명 54ABT16245
상세설명  54ABT16245 16-Bit Transceiver with TRI-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

54ABT16245 데이터시트(HTML) 9 Page - Texas Instruments

Back Button 54ABT16245 Datasheet HTML 4Page - Texas Instruments 54ABT16245 Datasheet HTML 5Page - Texas Instruments 54ABT16245 Datasheet HTML 6Page - Texas Instruments 54ABT16245 Datasheet HTML 7Page - Texas Instruments 54ABT16245 Datasheet HTML 8Page - Texas Instruments 54ABT16245 Datasheet HTML 9Page - Texas Instruments 54ABT16245 Datasheet HTML 10Page - Texas Instruments 54ABT16245 Datasheet HTML 11Page - Texas Instruments 54ABT16245 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
OBSOLETE
54ABT16245
www.ti.com
SNOS038C – AUGUST 1998 – REVISED APRIL 2013
TYPICAL CHARACTERISTICS (continued)
ICC vs Frequency
Average, TA = 25°C, VCC = 5.5V
All Outputs Unloaded/Unterminated;
16 Outputs Switching In-Phase at 50% Duty Cycle
Figure 20.
AC LOADING
*Includes jig and probe capacitance
Standard AC Test Load
Figure 21. Input Pulse Requirements
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: 54ABT16245


유사한 부품 번호 - 54ABT16245

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ABT16245 NSC-54ABT16245 Datasheet
219Kb / 9P
   16-Bit Transceiver with TRI-STATE Outputs
54ABT16245W-QML NSC-54ABT16245W-QML Datasheet
219Kb / 9P
   16-Bit Transceiver with TRI-STATE Outputs
More results

유사한 설명 - 54ABT16245

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74FR16245 NSC-74FR16245 Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
54ABT16245 NSC-54ABT16245 Datasheet
219Kb / 9P
   16-Bit Transceiver with TRI-STATE Outputs
54ACTQ16245 NSC-54ACTQ16245 Datasheet
72Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
74ABT16952 NSC-74ABT16952 Datasheet
149Kb / 8P
   16-Bit Registered Transceiver with TRI-STATE Outputs
54ACTQ16646 NSC-54ACTQ16646 Datasheet
92Kb / 8P
   16-Bit Transceiver/Register with TRI-STATE Outputs
54ABT16373 NSC-54ABT16373 Datasheet
117Kb / 6P
   16-Bit Transparent Latch with TRI-STATE Outputs
54ACTQ16373 NSC-54ACTQ16373 Datasheet
82Kb / 6P
   16-Bit Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com