전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL16C552AMHV 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 TL16C552AMHV
상세설명  DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL16C552AMHV 데이터시트(HTML) 5 Page - Texas Instruments

  TL16C552AMHV Datasheet HTML 1Page - Texas Instruments TL16C552AMHV Datasheet HTML 2Page - Texas Instruments TL16C552AMHV Datasheet HTML 3Page - Texas Instruments TL16C552AMHV Datasheet HTML 4Page - Texas Instruments TL16C552AMHV Datasheet HTML 5Page - Texas Instruments TL16C552AMHV Datasheet HTML 6Page - Texas Instruments TL16C552AMHV Datasheet HTML 7Page - Texas Instruments TL16C552AMHV Datasheet HTML 8Page - Texas Instruments TL16C552AMHV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
TL16C552A, TL16C552AM
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH FIFO
SLLS189D – NOVEMBER 1994 – REVISED JANUARY 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
FN
PN
INT2
59
78
O
Printer port interrupt. INT2 is an active-high, 3-state output generated by the positive transition of
ACK. INT2 is enabled by bit 4 of the write control register. Upon reset, INT2 is in the high-impedance
state. Its mode is also controlled by ENIRQ.
IOR
37
53
I
Input /output read strobe. IOR is an active-low input that enables the selected channel to output data
to the data bus (DB0 – DB7). The data output depends on the register selected by the address inputs
A0, A1, A2, and chip select. Chip select 0 (CS0) selects ACE #1, chip select 1 (CS1) selects ACE #2,
and chip select 2 (CS2) selects the printer port.
IOW
36
52
I
Input/output write strobe. IOW is an active-low input causing data from the data bus to be input to either
ACE or to the parallel port. The destination depends on the register selected by the address inputs A0,
A1, A2, and chip selects CS0, CS1, and CS2.
PD0 – PD7
53 – 46
72–65
I/O
Parallel data bits (0 – 7). PD0 – PD7 provide a byte wide input or output port to the system.
PE
67
9
I
Line printer paper empty. PE is an input line from the printer that goes high when the printer runs out
of paper.
PEMD
1
11
I
Printer enhancement mode. When low, PEMD enables the write data register to the PD0 – PD7 lines.
A high on PEMD allows direction control of the PD0 – PD7 port by the DIR bit in the control register.
PEMD is usually tied low for the printer operation.
RESET
39
55
I
Reset. When low, RESET forces the TL16C552A into an idle mode in which all serial data activities
are suspended. The modem control register and its associated outputs are cleared. The line status
register is cleared except for the transmitter holding register empty (THRE) and TEMT bits, which are
set. All functions of the device remain in an idle state until programmed to resume serial data activities.
RESET has a hysteresis level of typically 400 mV.
RTS0,
RTS1
24, 12
37, 25
O
Request to send. The RTS outputs are set low by setting MCR1 of its UARTs modem control register.
Both RTS terminals are reset high by RESET. A low on RTS indicates that its ACE has data ready to
transmit. In half-duplex operations, RTS controls the direction of the line.
RXRDY0,
RXRDY1
9, 61
19, 3
O
Receiver ready. Receiver direct memory access (DMA) signaling is also available through this output.
One of two types of DMA signaling can be selected using FCR3 when in FIFO mode. Only DMA mode
0 is allowed when in TL16C450 mode. For signal transfer DMA (a transfer is made between CPU bus
cycles), mode 0 is used. Multiple transfers that are made continuously until the receiver FIFO has been
emptied are supported by mode 1.
Mode 0. RXRDY is active (low) in FIFO mode (FCR0 = 1, FCR3 = 0) or in TL16C450 mode (FCR0 =
0) and the receiver FIFO or receiver holding register contains at least one character. When there are
no more characters in the FIFO or holding register, RXRDY goes inactive (high).
Mode 1. RXRDY goes active (low) in the FIFO mode (FCR0 = 1) when FCR3 = 1 and the time-out or
trigger levels have been reached. RXRDY goes inactive (high) when the FIFO or holding register is
empty.
RI0, RI1
30, 6
46, 16
I
Ring indicator. The RI signal is a modem control input. Its condition is tested by reading MSR6 (RI) of
each ACE. The modem status register output TERI (MSR2) indicates whether RI has changed from
high to low since the previous reading of the modem status register.
SIN0,
SIN1
41, 62
57, 4
I
Serial data. SIN0 and SIN1 move information from the communication line or modem to the
TL16C552A receiver circuits. Mark is a high state and space is a low state. Data on serial data inputs
is disabled in loop mode.
SLCT
65
7
I
Line printer select. SLCT is an input line from the printer that goes high when the printer is selected.
SLIN
58
77
I/O
Line printer select. SLIN is an open-drain I/O that selects the printer when active (low). SLIN has an
internal pullup resistor to VDD of approximately 10 kΩ.


유사한 부품 번호 - TL16C552AMHV

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL16C552AMHV TI-TL16C552AMHV Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
More results

유사한 설명 - TL16C552AMHV

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552A TI-TL16C552A Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com