전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC2543IDBG4 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TLC2543IDBG4
상세설명  12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TLC2543IDBG4 데이터시트(HTML) 1 Page - Texas Instruments

  TLC2543IDBG4 Datasheet HTML 1Page - Texas Instruments TLC2543IDBG4 Datasheet HTML 2Page - Texas Instruments TLC2543IDBG4 Datasheet HTML 3Page - Texas Instruments TLC2543IDBG4 Datasheet HTML 4Page - Texas Instruments TLC2543IDBG4 Datasheet HTML 5Page - Texas Instruments TLC2543IDBG4 Datasheet HTML 6Page - Texas Instruments TLC2543IDBG4 Datasheet HTML 7Page - Texas Instruments TLC2543IDBG4 Datasheet HTML 8Page - Texas Instruments TLC2543IDBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TLC2543C, TLC2543I, TLC2543M
12-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS079F – DECEMBER 1993 – REVISED NOVEMBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 12-Bit-Resolution A/D Converter
D 10-µs Conversion Time Over Operating
Temperature
D 11 Analog Input Channels
D 3 Built-In Self-Test Modes
D Inherent Sample-and-Hold Function
D Linearity Error . . . ±1 LSB Max
D On-Chip System Clock
D End-of-Conversion Output
D Unipolar or Bipolar Output Operation
(Signed Binary With Respect to 1/2 the
Applied Voltage Reference)
D Programmable MSB or LSB First
D Programmable Power Down
D Programmable Output Data Length
D CMOS Technology
D Application Report Available
description
The TLC2543C and TLC2543I are 12-bit, switched-
capacitor,
successive-approximation,
analog-to-
digital converters. Each device, with three control
inputs [chip select (CS), the input-output clock, and
the address input (DATA INPUT)], is designed for
communication with the serial port of a host processor
or peripheral through a serial 3-state output. The
device allows high-speed data transfers from the
host.
In addition to the high-speed converter and versatile control capability, the device has an on-chip 14-channel
multiplexer that can select any one of 11 inputs or any one of three internal self-test voltages. The
sample-and-hold function is automatic. At the end of conversion, the end-of-conversion (EOC) output goes high
to indicate that conversion is complete. The converter incorporated in the device features differential
high-impedance reference inputs that facilitate ratiometric conversion, scaling, and isolation of analog circuitry
from logic and supply noise. A switched-capacitor design allows low-error conversion over the full operating
temperature range.
The TLC2543C is characterized for operation from TA = 0°C to 70°C. The TLC2543I is characterized for
operation from TA = –40°C to 85°C. The TLC2543M is characterized for operation from TA = –55°C to 125°C.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
† Microcontroller Based Data Acquisition Using the TLC2543 12-bit Serial-Out ADC (SLAA012)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
AIN8
GND
VCC
EOC
I/O CLOCK
DATA INPUT
DATA OUT
CS
REF +
REF –
AIN10
AIN9
(TOP VIEW)
DB, DW, J, OR N PACKAGE
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
I/O CLOCK
DATA INPUT
DATA OUT
CS
AIN3
AIN4
AIN5
AIN6
AIN7
FN PACKAGE
(TOP VIEW)
REF +
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


유사한 부품 번호 - TLC2543IDBG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC2543IDB TI-TLC2543IDB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDB TI-TLC2543IDB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDBR TI1-TLC2543IDBR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDBRG4 TI1-TLC2543IDBRG4 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDBRG4Q1 TI1-TLC2543IDBRG4Q1 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

유사한 설명 - TLC2543IDBG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDWR TI-TLC2543IDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CFNRG3 TI-TLC2543CFNRG3 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI-TLC2543-Q1 Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI1-TLC2543C_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com