전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLC2543INE4 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 TLC2543INE4
상세설명  12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TLC2543INE4 데이터시트(HTML) 4 Page - Texas Instruments

  TLC2543INE4 Datasheet HTML 1Page - Texas Instruments TLC2543INE4 Datasheet HTML 2Page - Texas Instruments TLC2543INE4 Datasheet HTML 3Page - Texas Instruments TLC2543INE4 Datasheet HTML 4Page - Texas Instruments TLC2543INE4 Datasheet HTML 5Page - Texas Instruments TLC2543INE4 Datasheet HTML 6Page - Texas Instruments TLC2543INE4 Datasheet HTML 7Page - Texas Instruments TLC2543INE4 Datasheet HTML 8Page - Texas Instruments TLC2543INE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TLC2543C, TLC2543I, TLC2543M
12-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS079F – DECEMBER 1993 – REVISED NOVEMBER 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise
noted)
Supply voltage range, VCC (see Note 1)
– 0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (any input)
– 0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Positive reference voltage, Vref+
VCC + 0.1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Negative reference voltage, Vref–
– 0.1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak input current, II (any input)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak total input current, II (all inputs)
±30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC2543C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC2543I
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC2543M
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from the case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to the GND terminal with REF – and GND wired together (unless otherwise noted).
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
V
Positive reference voltage, Vref + (see Note 2)
VCC
V
Negative reference voltage, Vref – (see Note 2)
0
V
Differential reference voltage, Vref + – Vref – (see Note 2)
2.5
VCC VCC + 0.1
V
Analog input voltage (see Note 2)
0
VCC
V
High-level control input voltage, VIH
VCC = 4.5 V to 5.5 V
2
V
Low-level control input voltage, VIL
VCC = 4.5 V to 5.5 V
0.8
V
Clock frequency at I/O CLOCK
0
4.1
MHz
Setup time, address bits at DATA INPUT before I/O CLOCK
↑, tsu(A) (see Figure 4)
100
ns
Hold time, address bits after I/O CLOCK
↑, th(A) (see Figure 4)
0
ns
Hold time, CS low after last I/O CLOCK
↓, th(CS) (see Figure 5)
0
ns
Setup time, CS low before clocking in first address bit, tsu(CS) (see Note 3 and Figure 5)
1.425
µs
Pulse duration, I/O CLOCK high, twH(I/O)
120
ns
Pulse duration, I/O CLOCK low, twL(I/O)
120
ns
Transition time, I/O CLOCK high to low, tt(I/O) (see Note 4 and Figure 6)
1
µs
Transition time, DATA INPUT and CS, tt(CS)
10
µs
TLC2543C
0
70
Operating free-air temperature, TA
TLC2543I
– 40
85
°C
TLC2543M
– 55
125
NOTES:
2. Analog input voltages greater than that applied to REF+ convert as all ones (111111111111), while input voltages less than that applied
to REF– convert as all zeros (000000000000).
3. To minimize errors caused by noise at the CS input, the internal circuitry waits for a setup time after CS
↓ before responding to control
input signals. No attempt should be made to clock in an address until the minimum CS setup time has elapsed.
4. This is the time required for the clock input signal to fall from VIHmin to VILmax or to rise from VILmax to VIHmin. In the vicinity of
normal room temperature, the devices function with input clock transition time as slow as 1
µs for remote data acquisition applications
where the sensor and the A/D converter are placed several feet away from the controlling microprocessor.


유사한 부품 번호 - TLC2543INE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC2543INE4 TI1-TLC2543INE4 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

유사한 설명 - TLC2543INE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543IDWR TI-TLC2543IDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CFNRG3 TI-TLC2543CFNRG3 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI-TLC2543-Q1 Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI1-TLC2543C_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com