전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP275AIDGKRG4 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TMP275AIDGKRG4
상세설명  0.5 C Digital Out Temperature Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMP275AIDGKRG4 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TMP275AIDGKRG4 Datasheet HTML 7Page - Texas Instruments TMP275AIDGKRG4 Datasheet HTML 8Page - Texas Instruments TMP275AIDGKRG4 Datasheet HTML 9Page - Texas Instruments TMP275AIDGKRG4 Datasheet HTML 10Page - Texas Instruments TMP275AIDGKRG4 Datasheet HTML 11Page - Texas Instruments TMP275AIDGKRG4 Datasheet HTML 12Page - Texas Instruments TMP275AIDGKRG4 Datasheet HTML 13Page - Texas Instruments TMP275AIDGKRG4 Datasheet HTML 14Page - Texas Instruments TMP275AIDGKRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TMP275
SBOS363D − JUNE 2006 − REVISED AUGUST 2007
www.ti.com
11
Frame 1 Two−Wire Slave Address Byte
Frame 2 Pointer Register Byte
1
Start By
Master
ACK By
TMP275
ACK By
TMP275
Frame3Two−WireSlave Address Byte
Frame 4Data Byte1ReadRegister
Start By
Master
ACK By
TMP275
ACK By
Master
From
TMP275
19
1
9
19
1
9
SDA
SCL
00
1
R/W
0
0
0
0
0
0
P1
P0
SDA
(Continued)
SCL
(Continued)
SDA
(Continued)
SCL
(Continued)
1
001
00
0
00
0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Frame 5 Data Byte 2 Read Register
NOTE: Address Pins A0, A1, A2 = 0
Stop By
Master
ACK By
Master
From
TMP275
19
D7
D6
D5
D4
D3
D2
D1
D0
Figure 6. Two-Wire Timing Diagram for Read Word Format
Frame 1 SMBus ALERT Response Address Byte
Frame 2 Slave Address Byte
Start By
Master
ACK By
TMP275
From
TMP275
NACK By
Master
Stop By
Master
19
1
9
SDA
SCL
ALERT
00
0
1
100
R/W
1
0
0
1
0
0
0
Sta tu s
NOTE: Address Pins A0, A1, A2 = 0
Figure 7. Timing Diagram for SMBus ALERT


유사한 부품 번호 - TMP275AIDGKRG4

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
TMP275AIDGKRG4 BURR-BROWN-TMP275AIDGKRG4 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
More results

유사한 설명 - TMP275AIDGKRG4

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX31725 MAXIM-MAX31725 Datasheet
1Mb / 15P
   ±0.5°C Local Temperature Sensor
Rev 0; 9/12
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
NXP Semiconductors
P3T1085UK NXP-P3T1085UK Datasheet
699Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.0 - 13 December 2022
P3T1035XUK NXP-P3T1035XUK Datasheet
712Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 10 November 2023
P3T1755 NXP-P3T1755 Datasheet
553Kb / 43P
   I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 4 January 2023
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_V01 Datasheet
1Mb / 52P
   ±0.25°C Typical Accuracy Digital Temperature Sensor
Revision D April 2018
logo
Analog Devices
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
   짹2 C Accurate, Micropower Digital Temperature Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com