전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4401BDY 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI4401BDY
상세설명  P-Channel 40-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4401BDY 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI4401BDY_13 Datasheet HTML 1Page - Vishay Siliconix SI4401BDY_13 Datasheet HTML 2Page - Vishay Siliconix SI4401BDY_13 Datasheet HTML 3Page - Vishay Siliconix SI4401BDY_13 Datasheet HTML 4Page - Vishay Siliconix SI4401BDY_13 Datasheet HTML 5Page - Vishay Siliconix SI4401BDY_13 Datasheet HTML 6Page - Vishay Siliconix SI4401BDY_13 Datasheet HTML 7Page - Vishay Siliconix SI4401BDY_13 Datasheet HTML 8Page - Vishay Siliconix SI4401BDY_13 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 73140
S09-0866-Rev. D, 18-May-09
Vishay Siliconix
Si4401BDY
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1.0
- 3.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 40 V, VGS = 0 V
- 1
µA
VDS = - 40 V, VGS = 0 V, TJ = 70 °C
- 10
On-State Drain Currenta
ID(on)
VDS = - 5 V, VGS = - 10 V
- 30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 10.5 A
0.011
0.014
Ω
VGS = - 4.5 V, ID = - 8.7 A
0.0165
0.021
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 10.5 A
26
S
Diode Forward Voltagea
VSD
IS = - 2.7 A, VGS = 0 V
- 0.74
- 1.1
V
Dynamicb
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 5 V, ID = - 10.5 A
40
55
nC
Gate-Source Charge
Qgs
10
Gate-Drain Charge
Qgd
14
Gate Resistance
Rg
1.4
2.8
4.2
Ω
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 15 Ω
ID ≅ - 1 A, VGEN = - 10 V, Rg = 6 Ω
16
25
ns
Rise Time
tr
15
25
Turn-Off Delay Time
td(off)
97
150
Fall Time
tf
47
75
Source-Drain Reverse Recovery Time
trr
IF = - 2.1 A, dI/dt = 100 A/µs
35
55
Output Characteristics
0
10
20
30
40
50
0
1234
5
VGS = 10 V thru 4 V
VDS - Drain-to-Source Voltage (V)
3 V
Transfer Characteristics
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)


유사한 부품 번호 - SI4401BDY_13

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4401BDY VISHAY-SI4401BDY_17 Datasheet
187Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 18-May-09
More results

유사한 설명 - SI4401BDY_13

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 02-Mar-09
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Apr-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
   P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Jan-08
logo
VBsemi Electronics Co.,...
15P04SC VBSEMI-15P04SC Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
9563GM VBSEMI-9563GM Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
AFP4637WS8RG VBSEMI-AFP4637WS8RG Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com