전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F38 데이터시트(PDF) 5 Page - Texas Instruments

부품명 74F38
상세설명  54F38 74F38 Quad Two-Input NAND Buffer (Open Collector)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74F38 데이터시트(HTML) 5 Page - Texas Instruments

  74F38 Datasheet HTML 1Page - Texas Instruments 74F38 Datasheet HTML 2Page - Texas Instruments 74F38 Datasheet HTML 3Page - Texas Instruments 74F38 Datasheet HTML 4Page - Texas Instruments 74F38 Datasheet HTML 5Page - Texas Instruments 74F38 Datasheet HTML 6Page - Texas Instruments 74F38 Datasheet HTML 7Page - Texas Instruments 74F38 Datasheet HTML 8Page - Texas Instruments 74F38 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
65
97
125
65
145
65
130
ns
tPHL
An Bn to On
15
21
50
10
55
15
55
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
38
S
C
X
Temperature Range Family
Special Variations
74F e Commercial
QB e Military grade device with
54F e Military
environmental and burn-in
processing
Device Type
X e Devices shipped in 13 reels
Package Code
Temperature Range
P e Plastic DIP
C e Commercial (0 Cto a70 C)
D e Ceramic DIP
M e Military (b55 Cto a125 C)
F e Flatpak
L e Leadless Chip Carrier (LCC)
S e Small Outline SOIC JEDEC
SJ e Small Outline SOIC EIAJ
4


유사한 부품 번호 - 74F38

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F38 NSC-74F38 Datasheet
143Kb / 8P
   Quad Two-Input NAND Buffer (Open Collector)
logo
NXP Semiconductors
74F38 PHILIPS-74F38 Datasheet
70Kb / 8P
   Quad 2-input NAND buffer open collector
1990 Oct 04
logo
Fairchild Semiconductor
74F38 FAIRCHILD-74F38 Datasheet
58Kb / 5P
   Quad Two-Input NAND Buffer (Open Collector)
74F38 FAIRCHILD-74F38 Datasheet
66Kb / 5P
   Quad Two-Input NAND Buffer (Open Collector)
logo
NXP Semiconductors
74F381 PHILIPS-74F381 Datasheet
82Kb / 7P
   Arithmetic Logic Unit
1989 Mar 01
More results

유사한 설명 - 74F38

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74F38 FAIRCHILD-74F38 Datasheet
58Kb / 5P
   Quad Two-Input NAND Buffer (Open Collector)
74F38 FAIRCHILD-74F38_00 Datasheet
66Kb / 5P
   Quad Two-Input NAND Buffer (Open Collector)
logo
National Semiconductor ...
54F38DM NSC-54F38DM Datasheet
143Kb / 8P
   Quad Two-Input NAND Buffer (Open Collector)
logo
NXP Semiconductors
74ALS38A PHILIPS-74ALS38A Datasheet
85Kb / 7P
   Quad 2-Input NAND buffer open collector
1991 Feb 08
74F38 PHILIPS-74F38 Datasheet
70Kb / 8P
   Quad 2-input NAND buffer open collector
1990 Oct 04
logo
Fairchild Semiconductor
DM74LS38 FAIRCHILD-DM74LS38 Datasheet
61Kb / 5P
   Quad 2-Input NAND Buffer with Open-Collector Outputs
74F37 FAIRCHILD-74F37 Datasheet
48Kb / 4P
   Quad Two-Input NAND Buffer
logo
National Semiconductor ...
DM7439 NSC-DM7439 Datasheet
82Kb / 4P
   DM7439 Quad 2-Input NAND Buffer with Open-Collector Output
logo
Motorola, Inc
MC5403L MOTOROLA-MC5403L Datasheet
204Kb / 2P
   QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
logo
Fairchild Semiconductor
DM74ALS38A FAIRCHILD-DM74ALS38A Datasheet
48Kb / 4P
   Quadruple 2-Input NAND Buffer with Open-Collector Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com