전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA04P2S17ALCG 데이터시트(PDF) 5 Page - EPCOS

부품명 CA04P2S17ALCG
상세설명  Ceramic transient voltage suppressors
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

CA04P2S17ALCG 데이터시트(HTML) 5 Page - EPCOS

  CA04P2S17ALCG Datasheet HTML 1Page - EPCOS CA04P2S17ALCG Datasheet HTML 2Page - EPCOS CA04P2S17ALCG Datasheet HTML 3Page - EPCOS CA04P2S17ALCG Datasheet HTML 4Page - EPCOS CA04P2S17ALCG Datasheet HTML 5Page - EPCOS CA04P2S17ALCG Datasheet HTML 6Page - EPCOS CA04P2S17ALCG Datasheet HTML 7Page - EPCOS CA04P2S17ALCG Datasheet HTML 8Page - EPCOS CA04P2S17ALCG Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Electrical specifications and ordering codes
Maximum ratings (Top,max)
Type
Ordering code
VRMS,max
V
VDC,max
V
Isurge,max
(8/20 µs)
A
Wmax
(2 ms)
mJ
Pdiss,max
mW
Top,max
°C
4-fold array
CA06P4S17TLCG
B72724A2170S162 17
22
30
75
3
+85
Single chip
CT0603K17LCG
B72500T2170K060
17
22
10
100
1
+125
CT0603S17ALCG
B72500T2170S160
17
22
30
75
3
+125
CT0805K17LCG
B72510T2170K062
17
22
30
100
4
+125
Characteristics (TA = 25
°C)
Type
VV,min
(1 mA)
V
VV,max
(1 mA)
V
Vclamp,max
V
Iclamp
(8/20 µs)
A
Cmax
(1 MHz, 1 V)
pF
4-fold array
CA06P4S17TLCG
25
40
50
1
75
Single chip
CT0603K17LCG
24.3
29.7
50
1
50
CT0603S17ALCG
25
40
50
1
75
CT0805K17LCG
24.8
33
50
1
100
Multilayer varistors (MLVs)
Low capacitance series
Page 5 of 34
Please read Cautions and warnings and
Important notes at the end of this document.


유사한 부품 번호 - CA04P2S17ALCG

제조업체부품명데이터시트상세설명
logo
EPCOS
CA04P2S17TLCG EPCOS-CA04P2S17TLCG Datasheet
102Kb / 5P
   Multiple elements in one component
More results

유사한 설명 - CA04P2S17ALCG

제조업체부품명데이터시트상세설명
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com