전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD-47593-700 데이터시트(PDF) 3 Page - Molex Electronics Ltd.

부품명 SD-47593-700
상세설명  13XX CKT SOCKET BACK PLATE ASSEMBLY FOR SERVER APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-47593-700 데이터시트(HTML) 3 Page - Molex Electronics Ltd.

  SD-47593-700 Datasheet HTML 1Page - Molex Electronics Ltd. SD-47593-700 Datasheet HTML 2Page - Molex Electronics Ltd. SD-47593-700 Datasheet HTML 3Page - Molex Electronics Ltd. SD-47593-700 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


유사한 부품 번호 - SD-47593-700

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-47593-900 MOLEX5-SD-47593-900 Datasheet
446Kb / 3P
   13XX ILM ASSEMBLY
More results

유사한 설명 - SD-47593-700

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
SD-475936-700 MOLEX5-SD-475936-700 Datasheet
903Kb / 4P
   13XX CKT SOCKET BACK PLATE ASSEMBLY FOR SERVER APPLICATION
0475969923 MOLEX6-0475969923 Datasheet
95Kb / 2P
   LGA 1156 Back-plate Assembly for 1U Server, without Screws, Lead-free
0475937000 MOLEX6-0475937000 Datasheet
112Kb / 2P
   Back Plate for Server Type 1.01mm (.040") Pitch LGA 1366 Processor Socket, Steel
0475968823 MOLEX6-0475968823 Datasheet
95Kb / 2P
    LGA 1156 Back-plate Assembly for 1U Server, without Screws, Lead-free, Halogenfree
0475969934 MOLEX6-0475969934 Datasheet
130Kb / 2P
   LGA 1156 ILM and Back-plate Assembly for 1U Server, Shepherd Hook Lever, Leadfree
SD-47593-900 MOLEX5-SD-47593-900 Datasheet
446Kb / 3P
   13XX ILM ASSEMBLY
0475969933 MOLEX6-0475969933 Datasheet
113Kb / 2P
   LGA 1156 Back-plate Assembly, Shoulder Screw and 2 Pan Screws for 1U Server, Lead-free
0475968834 MOLEX6-0475968834 Datasheet
130Kb / 2P
   LGA 1156 ILM and Back-plate Assembly for 1U Server, Shepherd Hook Lever, Leadfree,Halogen-free
logo
List of Unclassifed Man...
S8238 ETC2-S8238 Datasheet
698Kb / 2P
   High-density dual-socket server platform for HPC application
logo
Molex Electronics Ltd.
1051427000 MOLEX1-1051427000_17 Datasheet
37Kb / 1P
   LGA 2011-0 Back Plate Assembly
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com