전자부품 데이터시트 검색엔진 |
|
AD774BJN 데이터시트(PDF) 10 Page - Analog Devices |
|
AD774BJN 데이터시트(HTML) 10 Page - Analog Devices |
10 / 12 page REV. C –10– AD674B/AD774B STANDALONE MODE “Standalone” mode is useful in systems with dedicated input ports available and thus not requiring full bus interface capabil- ity. Standalone mode applications are generally able to issue conversion start commands more precisely than full-control mode, resulting in improved accuracy. CE and 12/ 8 are wired HIGH, CS and A 0 are wired LOW, and conversion is controlled by R/ C. The three-state buffers are enabled when R/ C is HIGH and a conversion starts when R/C goes LOW. This gives rise to two possible control signals—a high pulse or a low pulse. Operation with a low pulse is shown in Figure 4a. In this case, the outputs are forced into the high impedance state in response to the falling edge of R/ C and return to valid logic levels after the conversion cycle is completed. The STS line goes HIGH 200 ns after R/C goes LOW and returns low 600 ns after data is valid. If conversion is initiated by a high pulse as shown in Figure 4b, the data lines are enabled during the time when R/ C is HIGH. The falling edge of R/ C starts the next conversion, and the data lines return to three-state (and remain three-state) until the next high pulse of R/ C. CONVERSION TIMING Once a conversion is started, the STS line goes HIGH. Convert start commands will be ignored until the conversion cycle is complete. The output data buffers can be enabled up to 1.2 µs prior to STS going LOW. The STS line will return LOW at the end of the conversion cycle. The register control inputs, A0 and 12/8, control conversion length and data format. If a conversion is started with A0 LOW, a full 12-bit conversion cycle is initiated. If A0 is HIGH during a convert start, a shorter 8-bit conversion cycle results. During data read operations, A0 determines whether the three- state buffers containing the 8 MSBs of the conversion result (A0 = 0) or the 4 LSBs (A0 = 1) are enabled. The 12/8 pin determines whether the output data is to be organized as two 8-bit words (12/ 8 tied LOW) or a single 12-bit word (12/8 tied HIGH). In the 8-bit mode, the byte addressed when A0 is high contains the 4 LSBs from the conversion followed by four trail- ing zeroes. This organization allows the data lines to be over- lapped for direct interface to 8-bit buses without the need for external three-state buffers. GENERAL A/D CONVERTER INTERFACE CONSIDERATIONS A typical A/D converter interface routine involves several opera- tions. First, a write to the ADC address initiates a conversion. The processor must then wait for the conversion cycle to com- plete, since most integrated circuit ADCs take longer than one instruction cycle to complete a conversion. Valid data can, of course, only be read after the conversion is complete. The AD674B and AD774B provide an output signal (STS) which indicates when a conversion is in progress. This signal can be polled by the processor by reading it through an external three- state buffer (or other input port). The STS signal can also generate an interrupt upon completion of conversion if the sys- tem timing requirements are critical and the processor has other tasks to perform during the ADC conversion cycle. Another possible time-out method is to assume that the ADC will take its maximum conversion time to convert, and insert a sufficient number of “no-op” instructions to ensure that this amount of processor time is consumed. Once conversion is complete, the data can be read. For convert- ers with more data bits than are available on the bus, a choice of data formats is required, and multiple read operations are needed. The AD674B and AD774B include internal logic to permit direct interface to 8-bit and 16-bit data buses, selected by the 12/ 8 input. In 16-bit bus applications (12/8 high) the data lines (DB11 through DB0) may be connected to either the 12 most significant or 12 least significant bits of the data bus. The remaining 4 bits should be masked in software. The inter- face to an 8-bit data bus (12/ 8 low) is done in a left-justified for- mat. The even address (A0 low) contains the 8 MSBs (DB11 through DB4). The odd address (A0 high) contains the 4 LSBs (DB3 through DB0) in the upper half of the byte, followed by four trailing zeroes, thus eliminating bit masking instructions. It is not possible to rearrange the output data lines for right-jus- tified 8-bit bus interface. DB11 (MSB) DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 (LSB) 0000 D7 D0 XXX0 (EVEN ADDR) XXX1 (ODD ADDR) Figure 10. Data Format for 8-Bit Bus |
유사한 부품 번호 - AD774BJN |
|
유사한 설명 - AD774BJN |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |