전자부품 데이터시트 검색엔진 |
|
SMZJ3800B 데이터시트(PDF) 1 Page - Vishay Siliconix |
|
SMZJ3800B 데이터시트(HTML) 1 Page - Vishay Siliconix |
1 / 4 page SMZJ3788B thru SMZJ3809B www.vishay.com Vishay General Semiconductor Revision: 25-May-12 1 Document Number: 88402 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Surface Mount Power Voltage-Regulating Diodes TYPICAL APPLICATIONS For general purpose regulation and protection applications. FEATURES • Low profile package • Ideal for automated placement • Glass passivated chip junction • Low Zener impedance • Low regulation factor • Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C • AEC-Q101 qualified • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 MECHANICAL DATA Case: DO-214AA (SMBJ) Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS compliant, commercial grade Base P/NHE3 - RoHS compliant, AEC-Q101 qualified Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD 22-B102 E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix meets JESD 201 class 2 whisker test Polarity: Color band denotes cathode end PRIMARY CHARACTERISTICS VZ 9.1 V to 68 V Ptot 1500 mW IR (VZ 12 V) 5.0 μA TJ max. 150 °C VZ specification Pulse current Int. construction Single DO-214AA (SMBJ) MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL VALUE UNIT Operating junction and storage temperature range TJ, TSTG - 55 to + 150 °C |
유사한 부품 번호 - SMZJ3800B |
|
유사한 설명 - SMZJ3800B |