전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OP200GZ 데이터시트(PDF) 11 Page - Analog Devices

부품명 OP200GZ
상세설명  Dual Low Offset, Low Power Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

OP200GZ 데이터시트(HTML) 11 Page - Analog Devices

Back Button OP200GZ Datasheet HTML 7Page - Analog Devices OP200GZ Datasheet HTML 8Page - Analog Devices OP200GZ Datasheet HTML 9Page - Analog Devices OP200GZ Datasheet HTML 10Page - Analog Devices OP200GZ Datasheet HTML 11Page - Analog Devices OP200GZ Datasheet HTML 12Page - Analog Devices OP200GZ Datasheet HTML 13Page - Analog Devices OP200GZ Datasheet HTML 14Page - Analog Devices OP200GZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
OP200
Rev. E | Page 11 of 16
50
0
5
10
15
20
25
30
35
40
45
0
0.5
CAPACITIVE LOAD (nF)
1.0
1.5
2.0
2.5
3.0
TA = 25°C
VS = ±15V
FALLING
RISING
Figure 24. Overshoot vs. Capacitive Load
29
22
23
24
25
26
27
28
0
1
TIME (Minutes)
2
3
4
5
TA = 25°C
VS = ±15V
SINKING
SOURCING
Figure 25. Short-Circuit Current vs. Time
150
90
100
110
120
130
140
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 26. Channel Separation vs. Frequency
TA = 25°C
VS = ±15V
AV = +1
100µs
5.00V
Figure 27. Large Signal Transient Response
TA = 25°C
VS = ±15V
AV = +1
5µs
20mV
Figure 28. Small Signal Transient Response
TA = 25°C
VS = ±15V
AV = +1
5µs
20mV
Figure 29. Small Signal Transient Response, CLOAD = 1 nF


유사한 부품 번호 - OP200GZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
OP200GP AD-OP200GP Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
OP200GP AD-OP200GP Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
OP200GPZ AD-OP200GPZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GPZ AD-OP200GPZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifiernull
Rev. E
OP200GPZ AD-OP200GPZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
More results

유사한 설명 - OP200GZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200_17 Datasheet
410Kb / 17P
   Dual Low Offset, Low Power Operational Amplifier
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
OP400 AD-OP400_07 Datasheet
389Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com