전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4755 데이터시트(PDF) 2 Page - Formosa MS

부품명 1N4755
상세설명  1W ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N4755 데이터시트(HTML) 2 Page - Formosa MS

  1N4755 Datasheet HTML 1Page - Formosa MS 1N4755 Datasheet HTML 2Page - Formosa MS 1N4755 Datasheet HTML 3Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
01
234
56
371975734
256
4
6
3 !" #$%&&'()"'$*(++&
,-.
/1234567879:;<5=>?@5AB4CD=DE:4F=GB>HHEI4FJ5FKL:CM5AF=N5C==C?E=FMO5=5AJCM:FP5QRC
B>H
H
E
IBE
P=E
H
E
5BF1SL :
CM
5A
F=N5T9BE
P=E
H
E
5BULTF=V8B>H
H
E
IBE
P=E
H
E
5B1L :
CM
5A
F=N5Q
U2345W5=5AE
?<5VF=N5E
BV5A
E
J5VH
A
C? :
45XSYOFNJCM
:
FP5TD4E
N4A
5B>M
:
BD45=F=FNN>A
A
5=:4FJE
=PF=
A
?BJFM
>55Z>FM:
C1SL CH:
4589W5=5AN>A
A
5=:
[
\
W3CA\
W]^E
BB><5A
E
?<CB5VC=\
W3CA\
W]Q
W5=5A
E
?<5VF=N5E
B?5FB>A
5VF::
DC<CE
=:
B:
CE
=B>A
5FB4FA
<_=55C=:
45@A
5F_VCD=N>A
J5F=V5M
E
?E
=F:
5
>=B:
F@M
5>=E
:
BQ
`2345A
5J5A
B5B>A
P5N>A
A
5=:E
B?5FB>A
5VF:UKC9F?@E
5=:>BE
=PF1a
UBZ>FA
5DFJ5CA5Z>E
JFM
5=:BE
=5
DFJ5<>M
B51a
1USB5NC=VV>A
F:
E
C=B><5A
E
?<CB5VC=\
W3Q
b2cCM
:
FP5?5FB>A
5?5=:
B:
C@5<5A
H
CA
?5VdSB5NC=VBFH
:
5AF<<M
E
NF:
E
C=CH89N>A
A
5=:
Q
eff
hijk
lmenoj
poloj
qrskito
qp
kouk
fmjjolk
v
pk
eiwv
eme
xyliev
f
v
ehoxilfo
ppkz v
pk
eiwv
eme
joqojuo
fmjjolk
v
j z qj
kouk
qrskito
qj
eiwv
eme
jotmsikrj
fmjjolk
v
pe
ki{|}~f
eiwv
eme
loo
v
ehoxilfo
ppz v
p
kouk
fmjjolk
v
p
eiwv
eme
umjto
fmjjolk
v
u
eiwv
eme
koehojikmjo
fro€€v
fv
olk
zv
pk
qrsku
i
r‚eu
ƒi
qrsku
i
r‚eu
i
i
„…
rf
†l‡ˆ‰Š
‹Œ
‹
ˆ
†}
†}}
†
‰ˆ
‡}}
†Œ
}
†‹Š}
Ž
†l‡ˆ‰
‹Œ


†}
†}}
†
‰|‰
‡}}
†Œ
}
†‰}
Ž
†l‡ˆ‹}
‹Œ

‡

|}
†
‰‹‡
‡}}
†Œ
}
††}
Ž
†l‡ˆ‹†
‡Œ
‹

†}
†
‰†ˆ
‡}}
†Œ
}
†}ˆ}
Ž
†l‡ˆ‹‰
‡Œ
ˆ
Š
†}
†
†‹
|}}
†Œ
}
ˆ}
Ž
}‹
‘’}Œ
†l‡ˆ‹‹
†
‡
ˆ
†}
†
†ˆŠ
||}
†Œ
}
Š}
Ž
}‹
‘’}Œ
†l‡ˆ‹‡

‡|
|
†}
‰
†‰
}}
†Œ
}
Š†}
}‡|
†l‡ˆ‹|
Œ
‰
‡†
‰
†}
‹
†‡
ˆ}}
†Œ
}
ˆ‹}
}||
†l‡ˆ‹
Œ
Š
‹ˆ
‹Œ
|
†}
‡
†‹‹
ˆ}}
†Œ
}
}
†l‡ˆ‹ˆ
ˆŒ
|
‹‡
‡Œ
}
†}
|
†‰†
ˆ}}
|
}|
}|
†l‡ˆ‹Š
ŠŒ
‰
ܠ
‡Œ
|
†}

††}
ˆ}}
|
||}
†l‡ˆ‹
Œ
†
‰Š
}
†}
ˆ
†}}
ˆ}}
|
|}}
}ˆ|
†l‡ˆ‡}
†}
‰|
ˆ
†}
ˆŒ

†
ˆ}}
‰|
‡|‡
†l‡ˆ‡†
††
‰‹
Š
|
ŠŒ
‡
Š‹
ˆ}}
‰|
‡†‡
†l‡ˆ‡‰
†‰
‰†

|
Œ
†
ˆ
ˆ}}
‰|
‹Š}
}Š|
†l‡ˆ‡‹
†‹
†
†}
|
Œ


ˆ}}
‰|
‹‡‡
}Š|
†l‡ˆ‡‡
†|
†ˆ
†‡
|
††Œ
‡
†
ˆ}}
‰|
‹}‡
†l‡ˆ‡|
†
†|Œ
|
†
|
†‰Œ
‰
ˆ}}
‰|
‰Š|
†l‡ˆ‡
†Š
†‡
‰}
|
†‹Œ
ˆ
|}
ˆ|}
‰|
‰|}
†l‡ˆ‡ˆ
‰}
†‰Œ
|
‰‰
|
†|Œ
‰
‡|
ˆ|}
‰|
‰‰|
†l‡ˆ‡Š
‰‰
††Œ
|
‰‹
|
†Œ
ˆ
‡†
ˆ|}
‰|
‰}|
}|
†l‡ˆ‡
‰‡
†}Œ
|
‰|
|
†ŠŒ
‰
‹Š
ˆ|}
‰|
†}
}|
†l‡ˆ|}
‰ˆ
Œ
|
‹|
|
‰}Œ

‹‡
ˆ|}
‰|
†ˆ}
}|
†l‡ˆ|†
‹}
ŠŒ
|
‡}
|
‰‰Œ
Š
‹}
†}}}
‰|
†|}
}|
†l‡ˆ|‰
‹‹
ˆŒ
|
‡|
|
‰|Œ
†
‰ˆ
†}}}
‰|
†‹|
}|
†l‡ˆ|‹
‹
ˆŒ
}
|}
|
‰ˆŒ
‡
‰|
†}}}
‰|
†‰|
}|
†l‡ˆ|‡
‹
Œ
|
}
|
‰Œ
ˆ
‰‹
†}}}
‰|
††|
}|
†l‡ˆ||
‡‹
Œ
}
ˆ}
|
‹‰Œ
ˆ
‰‰
†|}}
‰|
††}
}|
†l‡ˆ|
‡ˆ
|
Š}
|
‹|Œ
Š
†
†|}}
‰|
|
}|
†l‡ˆ|ˆ
}
|
|
‹ŠŒ
Š
†Š
†|}}
‰|
}
}|
†l‡ˆ|Š
‡Œ
|
††}
|
‡‰Œ

†
‰}}}
‰|
Š}
}|
†l‡ˆ|
‰
‡Œ
}
†‰|
|
‡ˆŒ
†
†‡
‰}}}
‰|
ˆ}
}|
†l‡ˆ}
Š
‹Œ
ˆ
†|}
|
|†Œ
ˆ
†‹
‰}}}
‰|
|
}|
†l‡ˆ†
ˆ|
‹Œ
‹
†ˆ|
|
|Œ
}
†‰
‰}}}
‰|
}
}|
†l‡ˆ‰
Š‰
‹Œ
}
‰}}
|
‰Œ
‰
††
‹}}}
‰|
||
Ž
Ž
Ž
Ž
Ž
†l‡ˆ‹
†
‰Œ
Š
‰|}
|
Œ
‰
†}
‹}}}
‰|
|}
Ž
Ž
Ž
Ž
Ž
†l‡ˆ‡
†}}
‰Œ
|
‹|}
|
ˆŒ
}

‹}}}
‰|
‡|
Ž
Ž
Ž
Ž
Ž
”•–—˜™›œž”•–—Ÿ–
”  ¡¢•¢£¤
¥£¢¦
§¨©ª¨«¬®¯
°±²³µ
·¸
¸
¹º
»
»
¼¼¼½
¾
¿ÀÁ¿Â±Á½
ÿÁ»
ÄÅƺ
ÇÇÈɵɵµÈÊÈÈÈË
ÌÍκ
ÇÇÈɵɵµÈÊÈËÏË
пÃÑÁ³Ò¸Ó
Ð
Ó
ÂÂѳÔб¸
³
Õ³Ö×
³Ôб¸
³ Õ³Ö×
Â×
¿Ò
°±²³½
ÐØɵµµÇÙÚ
µÙÙÇ»
Ùµ»
ËÙ
µÙËÙ»
ÙÚ»
ËÙ
Û
Ú
深圳FMS
Kinter
131
6803
0058


유사한 부품 번호 - 1N4755

제조업체부품명데이터시트상세설명
logo
Surge Components
1N4755 SURGE-1N4755 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Microdiode Electronics ...
1N4755 CHENDA-1N4755 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4755 JINANJINGHENG-1N4755 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4755 NJSEMI-1N4755 Datasheet
105Kb / 2P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-110 VOLTS
logo
Semtech Corporation
1N4755 SEMTECH-1N4755 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

유사한 설명 - 1N4755

제조업체부품명데이터시트상세설명
logo
TAITRON Components Inco...
1N4728A TAITRON-1N4728A Datasheet
200Kb / 4P
   1W Zener Diodes
logo
Nanjing International G...
1N4728 DGNJDZ-1N4728 Datasheet
954Kb / 2P
   1W ZENER DIODES
logo
Cystech Electonics Corp...
ZD4728ASA CYSTEKEC-ZD4728ASA Datasheet
271Kb / 4P
   1W Zener Diodes
logo
TAITRON Components Inco...
TZ100B TAITRON-TZ100B Datasheet
168Kb / 4P
   1W Zener Diodes
logo
Kwang Myoung I.S. CO.,L...
1SMA4728A KISEMICONDUCTOR-1SMA4728A Datasheet
2Mb / 2P
   1W ZENER DIODES
logo
FutureWafer Tech Co.,Lt...
1SMA47XXA FUTUREWAFER-1SMA47XXA Datasheet
1Mb / 9P
   1W Zener Diodes
21-DEC-2021 V 2.0
logo
Shanghai Lunsure Electr...
1N4728THRU1N4764 CHENYI-1N4728THRU1N4764 Datasheet
55Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
MM1W3V3 ZSELEC-MM1W3V3 Datasheet
297Kb / 3P
   1W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
1N4278 JINANJINGHENG-1N4278 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com