전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM120-L 데이터시트(PDF) 7 Page - Formosa MS

부품명 FM120-L
상세설명  Chip Schottky Barrier Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FORMOSA [Formosa MS]
홈페이지  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM120-L 데이터시트(HTML) 7 Page - Formosa MS

  FM120-L Datasheet HTML 1Page - Formosa MS FM120-L Datasheet HTML 2Page - Formosa MS FM120-L Datasheet HTML 3Page - Formosa MS FM120-L Datasheet HTML 4Page - Formosa MS FM120-L Datasheet HTML 5Page - Formosa MS FM120-L Datasheet HTML 6Page - Formosa MS FM120-L Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
01235
7898 







!"
"
#$
%
%
&&&'
(
)*+),1+,'
-)+%
./0$
11234344252226
789$
112343442526:6
;)-<+3=">
;
>
,,<3?;1"
3
@3AB
,3?;1"
3 @3AB
,B
)=
0123'
;C3646261
4DD1%
D4%
6D
4D6D%
DE%
6D
/
5
FG
HI9JK
G
LG
K
G
MNMJ MO P LG
K
G
MG
J
6'C)Q
?3*@3,B
,"
1=-3
4'C)Q
?3*1RB
Q
B
"
S
E'TB
2!.3+#3*1"
<*3@3A3*,3UB
1,
:'7)*&1*?V#3*1"
B
)=0B
(
3
W'>
="
3*+B
"
"
3="V#3*1"
B
)=0B
(
3
2'0*3,,<*3X))Y3*
5'.3+#3*1"
<*3XS-Q
B
=2
1'.!3*+1QC!)-Y
5'7)*&1*?C<*23
6D'T<+B
?B
"
S
66'TB
2!.3+#3*1"
<*3C"
)*1230B
(
3
1"42D W (
)*6D 4,3-'
B
++3*,3R)?SB
="
),)Q
?3*6%
62Z[6%
E4Z
V
1"4:W[WX(
)*W,3-'
V
\]1D^ *1"
31".]64WX(
)*621!*,'
@
_
V
@1"
3?1A3*123*3-"
B
(
B
3*-<**3="1".]4WX(
)*WDD!*,'
8
V
. ]4WX`>]>
8
7
V
V=,"
1"
3$#)&3*)=(
)*W+B
='
)(
(,"
1"
3$#)&3*)(
((
)*W+B
='
)=1=?)(
((
)*WDD-S-Q
3,'
V
6W0 1".]646X(
)*:!*,'
C>
a
8
V
V
3WWX"
)b64WX?&3Q
Q
3?(
)*ED+B
='
1=?"
*1=,(
3**3?(
)*W+B
='"
)"
1Q6D-S-Q
3,'
V
V
DX(
)*W+B
='*B
,3"
)6DDX(
)*W+B
='"
)"
1Q6D-S-Q
3,'
1'
E+,,B
=2Q
3!1Q
(,B
=33&1A3,<#3*B
+#),3?
)=*1"
3?Q
)1?`)=3,<*23'
V
1".]1WX`@T]1W^ (
)*6DDD!*,'
8
V
1"65WX(
)*6DDD!*,'
V
[ X
[
c>
03C.;35WD;
c/.TV;34DE6
c>
03C.;34D47
c/.TV;34D1
c>
03C.;35WD;
c/.TV;36DE1
c>
03C.;35WD;
c/.TV;36D45
c>
03C.;35WD;
c/.TV;36DE2
_/C;44386D4
c>
03C.;35WD;
c/.TV;36DW6
c>
03C.;35WD;
c/.TV;36DW2
c>
03C.;35WD;
c/.TV;3:D2234
c>
03C.;35WD;
c/.TV;36D46
c>
03C.;35WD;
c/.TV;36DE6
>
"
3+.3,"
X)=?B
"
B
)=,
@3(
3*3=-3
7defghiFjk7deffgh
深圳FMS
Kinter
131
6803
0058


유사한 부품 번호 - FM120-L

제조업체부품명데이터시트상세설명
logo
Formosa MS
FM120-L FORMOSA-FM120-L Datasheet
68Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM120-LN FORMOSA-FM120-LN Datasheet
72Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

유사한 설명 - FM120-L

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD2020-HF COMCHIP-CDBD2020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
   Chip Schottky Barrier Rectifier
FM5817-L FORMOSA-FM5817-L Datasheet
183Kb / 7P
   Chip Schottky Barrier Rectifier
logo
Comchip Technology
CDBD1020-HF COMCHIP-CDBD1020-HF Datasheet
106Kb / 4P
   Chip Schottky Barrier Rectifier
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
   Chip Schottky Barrier Rectifier
CDBD8060-HF COMCHIP-CDBD8060-HF Datasheet
76Kb / 3P
   Chip Schottky Barrier Rectifier
logo
Formosa MS
FM320-MHT FORMOSA-FM320-MHT Datasheet
60Kb / 7P
   Chip Schottky Barrier Rectifier
FM120-MT FORMOSA-FM120-MT Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
LFM120-MH1 FORMOSA-LFM120-MH1 Datasheet
65Kb / 7P
   Chip Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com