전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD825AR-16-REEL 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD825AR-16-REEL
상세설명  Low Cost, General-Purpose High Speed JFET Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD825AR-16-REEL 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD825AR-16-REEL Datasheet HTML 4Page - Analog Devices AD825AR-16-REEL Datasheet HTML 5Page - Analog Devices AD825AR-16-REEL Datasheet HTML 6Page - Analog Devices AD825AR-16-REEL Datasheet HTML 7Page - Analog Devices AD825AR-16-REEL Datasheet HTML 8Page - Analog Devices AD825AR-16-REEL Datasheet HTML 9Page - Analog Devices AD825AR-16-REEL Datasheet HTML 10Page - Analog Devices AD825AR-16-REEL Datasheet HTML 11Page - Analog Devices AD825AR-16-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD825
Rev. F | Page 11 of 12
SECOND-ORDER LOW-PASS FILTER
A second-order Butterworth low-pass filter can be implemented
using the AD825 as shown in Figure 33. The extremely low bias
currents of the AD825 allow the use of large resistor values and,
consequently, small capacitor values without concern for
developing large offset errors. Low current noise is another
factor in permitting the use of large resistors without having to
worry about the resultant voltage noise.
With the values shown, the corner frequency will be 1 MHz.
The equations for component selection are shown below. Note
that the noninverting input (and the inverting input) has an
input capacitance of 6 pF. As a result, the calculated value of C1
(12 pF) is reduced to 6 pF.
R1
f
C1
CUTOFF
π
=
2
414
.
1
()
R1
f
farads
C2
CUTOFF
π
=
2
707
.
0
(
)
Ω
k
100
Ω
k
10
to
Typically
Selected
User
R2
R1
=
=
A plot of the filter frequency response is shown in Figure 34;
better than 40 dB of high frequency rejection is provided.
AD825
C3
0.1
µF
C4
0.1
µF
VOUT
VIN
C2
6pF
–5V
C1
24pF
R1
9.31k
R2
9.31k
+5V
Figure 33. Second-Order Butterworth Low-Pass Filter
FREQUENCY (Hz)
10k
100M
100k
1M
10M
0
–10
–20
–30
–40
–50
–60
–70
–80
Figure 34. Frequency Response of Second-Order Butterworth Filter


유사한 부품 번호 - AD825AR-16-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD825AR-16-REEL AD-AD825AR-16-REEL Datasheet
413Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825AR-16-REEL AD-AD825AR-16-REEL Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825AR-16-REEL7 AD-AD825AR-16-REEL7 Datasheet
413Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825AR-16-REEL7 AD-AD825AR-16-REEL7 Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
More results

유사한 설명 - AD825AR-16-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD825ARZ AD-AD825ARZ Datasheet
414Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825 AD-AD825_04 Datasheet
413Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825 AD-AD825_15 Datasheet
319Kb / 12P
   Low Cost, General-Purpose High Speed JFET Amplifier
Rev. G
AD825 AD-AD825 Datasheet
2Mb / 11P
   Low Cost, General Purpose High Speed JFET Amplifier
REV. C
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
   LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
Analog Devices
AD101A AD-AD101A_15 Datasheet
1Mb / 4P
   GENERAL PURPOSE LOW COST IC OPERATIONAL AMPLIFIER
AD8132 AD-AD8132 Datasheet
391Kb / 20P
   Low-Cost, High-Speed Differential Amplifier
REV. 0
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com